Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5610IDWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV5610IDWRG4
Description  8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5610IDWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TLV5610IDWRG4 Datasheet HTML 1Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 2Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 3Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 4Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 5Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 6Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 7Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 8Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TLV5608
TLV5610
TLV5629
SLAS268G – MAY 2000 – REVISED NOVEMBER 2008.................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating free-air temperature range, supply voltages, and reference voltages (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC DAC SPECIFICATIONS
TLV5610
12
Resolution
TLV5608
10
Bits
TLV5629
8
TLV5610
Code 40 to 4095
±2
±6
Integral nonlinearity (INL)
TLV5608
Vref = 2 V, 4V
Code 20 to 1023
±0.5
±2
LSB
TLV5629
Code 6 to 255
±0.3
±1
TLV5610
Code 40 to 4095
±0.5
±1
Differential nonlinearity (DNL)
TLV5608
Vref = 2 V, 4V
Code 20 to 1023
±0.1
±1
LSB
TLV5629
Code 6 to 255
±0.1
±1
EZS
Zero-scale error (offset error at zero scale)
±30
mV
EZS TC
Zero-scale-error temperature coefficient
30
µV/°C
% of FS
EG
Gain error
±0.6
voltage
EG TC
Gain error temperature coefficient
10
ppm/°C
OUTPUT SPECIFICATIONS
AVDD -
VO
Voltage output range
RL = 10 kΩ
0
V
0.4
% of FS
Output load regulation accuracy
RL = 2 kΩ vs 10 kΩ
±0.3
voltage
REFERENCE INPUT
VI
Reference input voltage
0
AVDD
V
RI
Reference input resistance
100
k
CI
Reference input capacitance
5
pF
Vref = 0.4 Vpp + 2.048 Vdc,
Fast
2.2
Input code = 0x800
Reference input bandwidth
MHz
Vref = 2 Vpp at 1 kHz + 2.048 Vdc,
Slow
1.9
See (3)
Reference feedthrough
-84
dB
DIGITAL INPUT
IIH
High-level digital input current
VI = VDD
1
µA
IIL
Low-level digital input current
VI = 0 V
-1
µA
CI
Input capacitance
8
pF
DIGITAL OUTPUT
VOH
High-level digital output voltage
RL = 10 kΩ
2.6
V
VOL
Low-level digital output voltage
RL = 10 kΩ
0.4
V
RL = 10 kΩ, CL = 20 pF, Includes
Output voltage rise time
7
20
ns
propagation delay
(3)
Reference feedthrough is measured at the DAC output with an input code = 0x000.
4
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): TLV5608 TLV5610 TLV5629


Similar Part No. - TLV5610IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5610IDW TI-TLV5610IDW Datasheet
275Kb / 16P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results

Similar Description - TLV5610IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5608 TI-TLV5608 Datasheet
275Kb / 16P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5610IPWRG4 TI-TLV5610IPWRG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5608 TI-TLV5608_15 Datasheet
865Kb / 23P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
logo
Analog Devices
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5602 AD-AD5602 Datasheet
563Kb / 24P
   2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
REV. B
logo
Texas Instruments
TLV5631 TI-TLV5631 Datasheet
272Kb / 15P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5630 TI-TLV5630_15 Datasheet
872Kb / 23P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5631IPWR TI-TLV5631IPWR Datasheet
882Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
logo
Analog Devices
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com