Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

337LMU250M2BF Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 337LMU250M2BF
Description  105C Long Life Snap mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337LMU250M2BF Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  337LMU250M2BF Datasheet HTML 1Page - Illinois Capacitor, Inc. 337LMU250M2BF Datasheet HTML 2Page - Illinois Capacitor, Inc. 337LMU250M2BF Datasheet HTML 3Page - Illinois Capacitor, Inc. 337LMU250M2BF Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LMU
+105°C, Long Life 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
1000
100
108LMU100M2BF
248.7
1.76
22x40
1000
100
108LMU100M2CD
248.7
1.71
25x30
1000
100
108LMU100M2DC
248.7
1.65
30x25
1000
160
108LMU160M2CG
165.8
2.1
25x45
1000
160
108LMU160M2DE
165.8
2.1
30x35
1000
160
108LMU160M2ED
165.8
2.1
35x30
1000
200 108LMU200M2DG
165.8
2.35
30x45
1000
200
108LMU200M2EE
165.8
2.28
35x35
1000
200
108LMU200M2CH
165.8
2.63
25x50
1000
200
108LMU200M2DF
165.8
2.64
30x40
1000
250
108LMU250M2EF
165.8
2.3
35x40
1000
250
108LMU250M2EG
165.8
2.48
35x45
1200
200 128LMU200M2DH 138.16
2.65
30x50
1200
200
128LMU200M2EG 138.16
2.58
35x45
1200
200
128LMU200M2EE
138.16
3
35x35
1200
200 128LMU200M2DG 138.16
3.04
30x45
1500
63
158LMU063M2CC 165.79
1.4
25x25
1500
80
158LMU080M2DC 165.79
1.5
30x25
1500
100
158LMU100M2EC
165.79
2.05
35x25
1500
160
158LMU160M2EE
110.5
2.84
35x35
1500
200
158LMU200M2EG
110.5
2.8
35x45
1500
200
158LMU200M2EH
110.5
3.18
35x50
1500
250
158LMU250M2EH
110.5
3.68
35x50
1800
200
188LMU200M2EH
110.5
3.3
35x50
2200
50
228LMU050M2CC 150.71
1.35
25x25
2200
50
228LMU050M2BD 150.71
1.4
22x30
2200
63
228LMU063M2CD 113.04
1.76
25x30
2200
63
228LMU063M2DC 113.04
1.7
30x25
2200
80
228LMU080M2DE 113.04
2.1
30x35
2200
80
228LMU080M2EC
113.04
2.03
35x25
2200
100
228LMU100M2DF 113.04
2.85
30x40
2200
100
228LMU100M2EE
113.04
2.78
35x35
2200
100
228LMU100M2FD 113.04
2.7
40x30
2200
180
228LMU180M2EH
75.35
3.6
35x50
3300
35
338LMU035M2BD
125.6
1.55
22x30
3300
35
338LMU035M2CC
125.6
1.5
25x25
3300
50
338LMU050M2CD
125.6
2.06
25x30
3300
50
338LMU050M2DC
125.6
2
30x25
3300
50
338LMU050M2BE
125.6
2.11
22x35
3300
63
338LMU063M2DD 100.48
2.22
30x30
3300
63
338LMU063M2EC
100.48
2.15
35x25
3300
80
338LMU080M2EE
100.48
2.58
35x35
3300
100
338LMU100M2FE
100.48
2.9
40x35
3300
100
338LMU100M2EG 100.48
2.98
35x45
4700
25
478LMU025M2BD 105.82
1.6
22x30
4700
35
478LMU035M2BE
88.18
1.88
22x35
4700
35
478LMU035M2CC
88.18
1.83
25x25
4700
50
478LMU050M2BH
88.18
2.5
22x50
4700
50
478LMU050M2CF
88.18
2.45
25x40
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
4700
50
478LMU050M2DD
88.18
2.39
30x30
4700
50
478LMU050M2EC
88.18
2.32
35x25
4700
63
478LMU063M2DF
70.55
2.94
30x40
4700
63
478LMU063M2ED
70.55
2.87
35x30
4700
80
478LMU080M2EG
70.55
3.38
35x45
6800
16
688LMU016M2BC
73.14
1.56
22x25
6800
25
688LMU025M2BE
73.14
2.14
22x35
6800
25
688LMU025M2CC
73.14
2.09
25x25
6800
35
688LMU035M2BG
60.95
2.53
22x45
6800
35
688LMU035M2CE
60.95
2.48
25x35
6800
35
688LMU035M2DC
60.95
2.42
30x25
6800
50
688LMU050M2DF
60.95
3.26
30x40
6800
50
688LMU050M2ED
60.95
3.19
35x30
6800
50
688LMU050M2FC
60.95
2.78
40x25
6800
63
688LMU063M2EF
48.76
3.68
35x40
10000
16
109LMU016M2BE 116.05
2.19
22x35
10000
16
109LMU016M2CC 116.05
1.94
25x25
10000
25
109LMU025M2CF
66.31
2.83
25x40
10000
25
109LMU025M2DD
66.31
2.72
30x30
10000
25
109LMU025M2EC
66.31
2.65
35x25
10000
35
109LMU035M2CG
58.03
3.4
25x45
10000
35
109LMU035M2DE
58.03
3.34
30x35
10000
35
109LMU035M2ED
58.03
3.27
35x30
10000
50
109LMU050M2DH
49.74
4.05
30x50
10000
50
109LMU050M2EF
49.74
3.98
35x40
10000
50
109LMU050M2FE
49.74
3.9
40x35
10000
63
109LMU063M2EH
49.74
4.48
35x50
10000
63
109LMU063M2FF
49.74
4.4
40x40
15000
10
159LMU010M2CC
77.37
1.92
25x25
15000
16
159LMU016M2CE
77.37
2.8
25x35
15000
16
159LMU016M2DD
77.37
2.8
30x30
15000
16
159LMU016M2EC
77.37
2.67
35x25
15000
25
159LMU025M2DF
44.21
3.13
30x40
15000
25
159LMU025M2ED
44.21
3.06
35x30
15000
35
159LMU035M2DG
38.68
4
30x45
15000
35
159LMU035M2EE
38.68
3.93
35x35
22000
10
229LMU010M2CE
52.75
2.46
25x35
22000
16
229LMU016M2DE
52.75
3.48
30x35
22000
16
229LMU016M2ED
52.75
3.35
35x30
22000
25
229LMU025M2EE
30.14
4.07
35x35
22000
35
229LMU035M2EG
26.38
5.12
35x45
33000
10
339LMU010M2DE 35.2737
3.05
30x35
33000
16
339LMU016M2EE 35.2737
4.06
35x35
33000
25
339LMU025M2EH
20.1
4.78
35x50
39000
10
399LMU010M2ED 35.2737
3.09
35x30
39000
16
399LMU016M2EF 35.2737
4.08
35x40
47000
10
479LMU010M2EE
24.69
3.51
35x35
47000
16
479LMU016M2EG
24.69
4.45
35x45


Similar Part No. - 337LMU250M2BF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337LMU250M2BF ILLINOISCAPACITOR-337LMU250M2BF Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
More results

Similar Description - 337LMU250M2BF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
logo
RFE international
VEU100M1ETR050057 RFE-VEU100M1ETR050057 Datasheet
88Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEU Series: Surface Mount Type,105C, Long Life
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
058059PLL-SI VISHAY-058059PLL-SI Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com