Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX918ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX918ESA
Description  SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX918ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX918ESA Datasheet HTML 1Page - Maxim Integrated Products MAX918ESA Datasheet HTML 2Page - Maxim Integrated Products MAX918ESA Datasheet HTML 3Page - Maxim Integrated Products MAX918ESA Datasheet HTML 4Page - Maxim Integrated Products MAX918ESA Datasheet HTML 5Page - Maxim Integrated Products MAX918ESA Datasheet HTML 6Page - Maxim Integrated Products MAX918ESA Datasheet HTML 7Page - Maxim Integrated Products MAX918ESA Datasheet HTML 8Page - Maxim Integrated Products MAX918ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SOT23, 1.8V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX919/MAX920 (continued)
(VCC = +5V, VEE = 0V, VCM = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: All specifications are 100% tested at TA = +25°C. Specification limits over temperature (TA = TMIN to TMAX) are guaranteed
by design, not production tested.
Note 2: VOS is defined as the center of the hysteresis band at the input.
Note 3: The hysteresis-related trip points are defined as the edges of the hysteresis band, measured with respect to the center of
the band (i.e., VOS) (Figure 2).
Note 4: Specified with an input overdrive (VOVERDRIVE) of 100mV, and load capacitance of CL = 15pF. VOVERDRIVE is defined
above and beyond the offset voltage and hysteresis of the comparator input. For the MAX917/MAX918, reference voltage
error should also be added.
Sinking, VO = VCC
Sourcing, VO = VEE
MAX920 only, VO = 5.5V
TA = +25°C
TA = +25°C
MAX919 only, VCC =
1.8V, ISOURCE = 1mA
TA = TMIN to TMAX
VCC = 1.8V,
ISINK = 1mA
MAX919 only, VCC =
5V, ISOURCE = 8mA
CONDITIONS
ms
1.2
10
tON
Power-Up Time
98
8
mA
95
ISC
Output Short-Circuit Current
µA
0.001
1
ILEAK
Output Leakage Current
TA = TMIN to TMAX
300
TA = +25°C
TA = TMIN to TMAX
VCC = 5V,
ISINK = 8mA
55
200
300
TA = +25°C
TA = TMIN to TMAX
500
55
200
500
mV
190
400
VCC - VOH
Output-Voltage Swing High
pA
10
IOS
Input Offset Current
mV
190
400
VOL
Output-Voltage Swing Low
VCC = 5V
VCC = 1.8V
VCC = 5V
VCC = 1.8V
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX919 only, CL = 15pF
µs
6
tRISE
High-to-Low Propagation Delay
(Note 4)
Rise Time
µs
17
tPD-
VCC = 1.8V to 5.5V
mV/V
0.1
1
PSRR
Power-Supply Rejection Ratio
(VEE - 0.2V) ≤ VCM ≤ (VCC + 0.2V)
mV/V
0.5
3
CMRR
Common-Mode Rejection Ratio
22
VCC = 1.8V
VCC = 5V
MAX919 only
Low-to-High Propagation Delay
(Note 4)
µs
30
tPD+
VCC = 5V
VCC = 1.8V
95
MAX920 only
VCC = 1.8V
RPULLUP = 100kΩ
35
VCC = 5V
RPULLUP = 100kΩ
120
CL = 15pF
µs
4
tFALL
Fall Time


Similar Part No. - MAX918ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX918ESA MAXIM-MAX918ESA Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
More results

Similar Description - MAX918ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com