Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX977 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX977
Description  Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX977 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX977 Datasheet HTML 1Page - Maxim Integrated Products MAX977 Datasheet HTML 2Page - Maxim Integrated Products MAX977 Datasheet HTML 3Page - Maxim Integrated Products MAX977 Datasheet HTML 4Page - Maxim Integrated Products MAX977 Datasheet HTML 5Page - Maxim Integrated Products MAX977 Datasheet HTML 6Page - Maxim Integrated Products MAX977 Datasheet HTML 7Page - Maxim Integrated Products MAX977 Datasheet HTML 8Page - Maxim Integrated Products MAX977 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Single/Dual, +3V/+5V Dual-Speed
Comparators with Auto-Standby
_______________________________________________________________________________________
5
-1.20
-1.15
-1.10
-1.05
-1.00
-0.95
-0.90
-0.85
-0.80
-0.75
-0.70
-0.65
-0.60
-60 -40 -20
0
20
40
60
80
100
LOW-POWER OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 3V
1
0.01k
10k
1k
0.1k
100k
1M
10M 100M
SUPPLY CURRENT PER COMPARATOR
vs. OUTPUT TRANSITION FREQUENCY
10
TRANSITION FREQUENCY (kHz)
100
1000
10000
HIGH-SPEED MODE
LOW-POWER MODE
-170
-150
-130
-110
-90
-70
-50
-60 -40 -20
0
20
40
60
80
100
HIGH-SPEED INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 3V
VCC = 5V
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.0
3.5
-60 -40 -20
0
20
40
60
80
100
LOW-POWER INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 3V
VCC = 5V
200
250
300
350
400
450
500
550
600
0
50
100
150
200
250
LOW-POWER PROPAGATION DELAY
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
VCC = 3V
VCC = 3V
VCC = 5V
VCC = 5V
tPD-
50mV OVERDRIVE
tPD+
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-60 -40 -20
0
20
40
60
80
100
HIGH-SPEED VOLTAGE TRIP POINTS/INPUT
OFFSET VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5V
VTRIP+
VTRIP-
VOS
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
-60 -40 -20
0
20
40
60
80
100
HIGH-SPEED VOLTAGE TRIP POINTS/INPUT
OFFSET VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
VTRIP-
VOS
VTRIP+
VCC = 3V
200
150
250
300
350
400
450
500
550
600
650
700
0
40
80
120
160
240
200
LOW-POWER PROPAGATION DELAY
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
VCC = 3V
VCC = 3V
VCC = 5V
VCC = 5V
CLOAD =15pF
tPD-
tPD+
10.2
10.1
10.0
9.9
9.8
9.7
9.6
9.5
9.4
9.3
-60 -40 -20
0
20
40
60
80
100
AUTO-STANDBY TIMEOUT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 3V
VCC = 5V
__________________________________________Typical Operating Characteristics
(VCC = 3.0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX977

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX977 MAXIM-MAX977 Datasheet
264Kb / 16P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
MAX9770 MAXIM-MAX9770 Datasheet
493Kb / 24P
   1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
Rev 0; 5/04
MAX9770 MAXIM-MAX9770 Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
MAX9770ETI MAXIM-MAX9770ETI Datasheet
493Kb / 24P
   1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
Rev 0; 5/04
MAX9770ETI++ MAXIM-MAX9770ETI+ Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
More results

Similar Description - MAX977

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX975 MAXIM-MAX975 Datasheet
264Kb / 16P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
logo
Linear Technology
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com