Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23750PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23750PWPR
Description  INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23750PWPR Datasheet(HTML) 5 Page - Texas Instruments

  TPS23750PWPR Datasheet HTML 1Page - Texas Instruments TPS23750PWPR Datasheet HTML 2Page - Texas Instruments TPS23750PWPR Datasheet HTML 3Page - Texas Instruments TPS23750PWPR Datasheet HTML 4Page - Texas Instruments TPS23750PWPR Datasheet HTML 5Page - Texas Instruments TPS23750PWPR Datasheet HTML 6Page - Texas Instruments TPS23750PWPR Datasheet HTML 7Page - Texas Instruments TPS23750PWPR Datasheet HTML 8Page - Texas Instruments TPS23750PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
www.ti.com
PoE SECTION
TPS23750
TPS23770
SLVS590B – JULY 2005 – REVISED FEBRUARY 2008
DC/DC CONTROLLER SECTION (continued)
RTN = VSS for this section only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSENP-SEN = 1.5 V, TMR = RSN, IFB = 0 µA and 10 µA,
Translator output resistance
11.25
15
18.75
k
RFB = ΔVFB / Δ IFB
SEN sinking current
VSENP-SEN = 1.50 V, VTMR = RSN
1
µA
SENP sinking current
VSENP-SEN = 1.50 V, VTMR = RSN
17
22.5
28
µA
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DETECTION (DET)
Offset current
DET open, VDD = VRTN = 1.9 V, Measure IVDD + IRTN + ISENP
0.45
4
µA
Sleep current
DET open, VDD = VRTN = 10.1 V, Measure IVDD + IRTN + ISENP
5.6
12
µA
DET leakage current
VDET = VDD = 57 V, Measure IDET
0.3
5
µA
VDD = 1.4 V
51.5
55
58.7
RTN = VDD, Measure IVDD + IRTN +
Detection current
µA
IDET + ISENP
VDD = 10.1 V
395
411
417
CLASSIFICATION (CLASS)
RTN = VDD, Measure IVDD + IRTN + IDET + ISENP
RCLASS = 4420 Ω, 13 ≤ VDD ≤ 21 V
2.2
2.5
2.8
RCLASS = 953 Ω, 13 ≤ VDD ≤ 21 V
10.3
10.6
11.3
ICLASS
Classification current
mA
RCLASS = 549 Ω, 13 ≤ VDD ≤ 21 V
17.7
18.3
19.5
RCLASS = 357 Ω, 13 ≤ VDD ≤ 21 V
27.1
28.0
29.5
RCLASS = 255 Ω, 13 ≤ VDD ≤ 21 V
38.0
39.4
41.2
VCL_ON
Regulator turns on, VDD rising
10.2
11.3
13.0
Classification lower threshold
V
VCL_H
Hysteresis
1
1.75
3
VCU_OFF
Regulator turns off, VDD rising
21
21.9
23
Classification upper threshold
V
VCU_H
Hysteresis
0.5
0.83
1
PASS DEVICE (RTN)
On resistance
IRTN = 300 mA
0.60
1
Current limit
VRTN = 1 V
405
450
515
mA
IINR
Inrush limit
VRTN = 1.6 V
100
140
180
mA
CONTROL
Inrush current state termination
IRTN falling from IINR, IRTN/IINR
0.85
1.00
UVLO
VUVLO_R
VDD rising, monitor IRTN
38.4
39.3
40.4
VUVLO_F
Standard UVLO threshold
VDD falling, monitor IRTN
29.6
30.5
31.5
V
Hysteresis
8.3
8.8
9.1
VUVLO_R
VDD rising, monitor IRTN
34.1
35.1
36.0
VUVLO_F
Legacy UVLO threshold
VDD falling, monitor IRTN
29.7
30.5
31.4
V
Hysteresis
4.3
4.5
4.8
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS23750 TPS23770


Similar Part No. - TPS23750PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23750PWPR TI-TPS23750PWPR Datasheet
2Mb / 38P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
TPS23750PWPRG4 TI-TPS23750PWPRG4 Datasheet
2Mb / 38P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
More results

Similar Description - TPS23750PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23750 TI-TPS23750 Datasheet
2Mb / 38P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
logo
Kinetic Technologies.
KTA1136 KINETIC-KTA1136 Datasheet
1Mb / 22P
   IEEE 802.3af PoE PD with Integrated DC-DC Controller and 13W Power FET
January 2021 - Revision 04a
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Silicon Laboratories
SI3460 SILABS-SI3460 Datasheet
435Kb / 22P
   IEEE 802.3af PSE INTERFACE AND DC-DC CONTROLLER
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
Texas Instruments
TPS2376-H TI-TPS2376-H Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com