Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX876 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX876
Description  Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX876 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX876 Datasheet HTML 1Page - Maxim Integrated Products MAX876 Datasheet HTML 2Page - Maxim Integrated Products MAX876 Datasheet HTML 3Page - Maxim Integrated Products MAX876 Datasheet HTML 4Page - Maxim Integrated Products MAX876 Datasheet HTML 5Page - Maxim Integrated Products MAX876 Datasheet HTML 6Page - Maxim Integrated Products MAX876 Datasheet HTML 7Page - Maxim Integrated Products MAX876 Datasheet HTML 8Page - Maxim Integrated Products MAX876 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Power, Low-Drift, +2.5V/+5V/+10V
Precision Voltage References
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX875 (continued)
(VIN = +15V, IL = 0mA, CLOAD < 100pF, TA = -40°C to +85°C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS—MAX876
(VIN = +15V, IL = 0mA, CLOAD < 100pF, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX876A (0.03%)
9.997
10.000
10.003
Output Voltage
VOUT
TA = +25°C
MAX876B (0.05%)
9.995
10.000
10.005
V
MAX876A
2
7
Output Voltage Drift
(Note 1)
TCVOUT
MAX876B
5
20
ppm/°C
0.1Hz to 10Hz
18
µVP-P
Output-Noise Voltage
en
TA = +25°C
10Hz to 1kHz
29
µVRMS
TA = +25°C
1
4.0
Line Regulation
VIN = 12V to 18V
TA = -40°C to +85°C
1
6
ppm/V
TA = +25°C
1
15
IL = 0 to 10mA
(source)
TA = -40°C to +85°C
1
20
TA = +25°C
100
900
Load Regulation
IL = 0 to -1mA (sink)
TA = -40°C to +85°C
150
1900
ppm/mA
TA = +25°C
320
550
Quiescent Supply Current
IQ
TA = -40°C to +85°C
340
700
µA
Short-Circuit Output Current
ISC
Output shorted to GND
60
mA
VOUT Adjust Range
±600
mV
Long-Term Output Drift
50
ppm/kh
TEMP PIN
Voltage Output
VTEMP
TA = +25°C
630
mV
Temperature Sensitivity
TCVTEMP
2.1
mV/°C
Note 1: Temperature coefficient is defined as maximum ∆VOUT divided by maximum ∆T of the temperature range.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
3
15
IL = 0 to 10mA
(source)
TA = -40°C to +85°C
3
20
TA = +25°C
100
900
Load Regulation
IL = 0 to -1mA (sink)
TA = -40°C to +85°C
150
1900
ppm/mA
TA = +25°C
320
550
Quiescent Supply Current
IQ
TA = -40°C to +85°C
320
700
µA
Short-Circuit Output Current
ISC
Output shorted to GND
60
mA
VOUT Adjust Range
±300
mV
Long-Term Output Drift
50
ppm/kh
TEMP PIN
Voltage Output
VTEMP
TA = +25°C
630
mV
Temperature Sensitivity
TCVTEMP
2.1
mV/°C


Similar Part No. - MAX876

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX876 MAXIM-MAX876 Datasheet
298Kb / 8P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX8760ETL MAXIM-MAX8760ETL Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX8760ETL++ MAXIM-MAX8760ETL+ Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX8761 MAXIM-MAX8761 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
More results

Similar Description - MAX876

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX873 MAXIM-MAX873 Datasheet
298Kb / 8P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
MAX676 MAXIM-MAX676 Datasheet
774Kb / 12P
   CALIBRATED, LOW-DRIFT, 4,096V/5V/10V PRECISION VOLTAGE REFERENCES
Rev 1; 11/94
REF01 MAXIM-REF01 Datasheet
251Kb / 8P
   5V, 10V Precision Voltage References
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
   5V, 10V Precision Voltage References
Rev 7; 4/07
REF01HSA-T MAXIM-REF01HSA-T Datasheet
108Kb / 9P
   5V, 10V Precision Voltage References
Rev 7; 4/07
MAX6225 MAXIM-MAX6225 Datasheet
181Kb / 12P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Rev 3; 5/98
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
   PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
Analog Devices
ADREF02 AD-ADREF02 Datasheet
734Kb / 6P
   10V 5V References
logo
Linear Technology
LTC6655 LINER-LTC6655_15 Datasheet
675Kb / 26P
   0.25ppm Noise, Low Drift Precision References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com