Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX920ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX920ESA
Description  SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX920ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX920ESA Datasheet HTML 3Page - Maxim Integrated Products MAX920ESA Datasheet HTML 4Page - Maxim Integrated Products MAX920ESA Datasheet HTML 5Page - Maxim Integrated Products MAX920ESA Datasheet HTML 6Page - Maxim Integrated Products MAX920ESA Datasheet HTML 7Page - Maxim Integrated Products MAX920ESA Datasheet HTML 8Page - Maxim Integrated Products MAX920ESA Datasheet HTML 9Page - Maxim Integrated Products MAX920ESA Datasheet HTML 10Page - Maxim Integrated Products MAX920ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SOT23, 1.8V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
_______________________________________________________________________________________
7
0
10
5
20
15
25
30
-40
10
-15
356085
PROPAGATION DELAY (tPD-)
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5V
VCC = 1.8V
VCC = 3V
0
40
20
80
60
100
120
140
-40
10
-15
356085
MAX917/MAX919
PROPAGATION DELAY (tPD+)
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5V
VCC = 1.8V
VCC = 3V
0
40
20
80
60
100
120
0.01
1
0.1
10
100
1000
PROPAGATION DELAY (tPD-)
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (nF)
VCC = 5V
VCC = 1.8V
VCC = 3V
0
40
20
80
60
100
120
140
160
0.01
1
0.1
10
100
1000
MAX917/MAX919
PROPAGATION DELAY (tPD+)
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (nF)
VCC = 5V
VCC = 1.8V
VCC = 3V
10
30
20
50
40
60
70
020
10
30
40
50
PROPAGATION DELAY (tPD-)
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
VCC = 5V
VCC = 1.8V
VCC = 3V
0
30
20
10
40
50
60
70
80
90
100
020
10
30
40
50
MAX917/MAX919
PROPAGATION DELAY (tPD+)
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
VCC = 5V
VCC = 3V
VCC = 1.8V
10
100
1k
10k
MAX918/MAX920
PROPAGATION DELAY (tPD-) vs.
PULLUP RESISTANCE
RPULLUP (kΩ)
20
14
15
16
17
18
19
VCC = 5V
VCC = 1.8V
VCC = 3V
10
100
1k
10k
MAX918/MAX920
PROPAGATION DELAY (tPD+) vs.
PULLUP RESISTANCE
RPULLUP (kΩ)
250
0
50
100
150
200
VCC = 5V
VCC = 1.8V
VCC = 3V
IN+
(50mV/
div)
OUT
(2V/div)
PROPAGATION DELAY (tPD-)
(VCC = 5V)
20µs/div
MAX917-920 toc27
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, CL = 15pF, VOVERDRIVE = 100mV, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX920ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX920ESA MAXIM-MAX920ESA Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
More results

Similar Description - MAX920ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com