Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS12A12511DGKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS12A12511DGKR
Description  6,-6 V/12 V, 5 Ohm, LOW rON SINGLE SPDT ANALOG SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A12511DGKR Datasheet(HTML) 5 Page - Texas Instruments

  TS12A12511DGKR Datasheet HTML 1Page - Texas Instruments TS12A12511DGKR Datasheet HTML 2Page - Texas Instruments TS12A12511DGKR Datasheet HTML 3Page - Texas Instruments TS12A12511DGKR Datasheet HTML 4Page - Texas Instruments TS12A12511DGKR Datasheet HTML 5Page - Texas Instruments TS12A12511DGKR Datasheet HTML 6Page - Texas Instruments TS12A12511DGKR Datasheet HTML 7Page - Texas Instruments TS12A12511DGKR Datasheet HTML 8Page - Texas Instruments TS12A12511DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TS12A12511
www.ti.com
SCDS248B
– OCTOBER 2009 – REVISED APRIL 2011
ELECTRICAL CHARACTERISTICS
12-V Single Supply (continued)
V+ = 12 V ± 10%, V= 0 V, GND = 0 V, TA = –40°C to 85°C (unless otherwise noted)
TA= 25°C
TA= –40°C to 85°C
PARAMETER
SYMBOL
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Dynamic(1)
RL = 300 Ω, CL = 35 pF,
Turn-ON time
tON
56
85
110
ns
VCOM = 3.3 V; see Figure 16
RL = 300 Ω, CL = 35 pF,
Turn-OFF time
tOFF
25
30
31
ns
VCOM = 3.3 V; see Figure 16
Break-before-make
RL = 300 Ω, CL = 35 pF,
tBBM
30
19
ns
time delay
VNC = VNO = 3.3 V; see Figure 17
RGEN = VNC = VNO = 0 V, RGEN = 0
Charge injection
QC
Ω, CL = 1 nF;
491
pC
see Figure 18
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
OFF isolation
OISO
–70
dB
see Figure 19
Channel-to-channel
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
XTALK
–70
dB
crosstalk
see Figure 20
RL = 50 Ω, CL = 5 pF, see
Bandwidth
–3 dB
BW
122
MHz
Figure 21
RL = 600 Ω, CL = 15pF, VNO =
Total harmonic distortion
THD
0.04
%
1VRMS, f = 20 kHz; see Figure 22
NC, NO
CNC(OFF),
f = 1 MHz, see Figure 15
14
pF
OFF capacitance
CINO(OFF)
CCOM(ON),
COM, NC, NO
CNC(ON),
f = 1 MHz, see Figure 15
55
pF
ON capacitance
CNO(ON)
Supply
Positive supply current
I+
0.07
1
μA
(1)
Ensured by design, not subject to production test.
Copyright
© 2009–2011, Texas Instruments Incorporated
5


Similar Part No. - TS12A12511DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A12511DGKR TI-TS12A12511DGKR Datasheet
889Kb / 24P
[Old version datasheet]   SINGLE SPDT ANALOG SWITCH
TS12A12511DGKR TI1-TS12A12511DGKR Datasheet
879Kb / 25P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
More results

Similar Description - TS12A12511DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A12511 TI1-TS12A12511_14 Datasheet
879Kb / 25P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
TS12A12511 TI1-TS12A12511 Datasheet
879Kb / 24P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
TS5A63157DBVRG4 TI1-TS5A63157DBVRG4 Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Analog Devices
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
   Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Alpha & Omega Semicondu...
AOZ6134 AOSMD-AOZ6134 Datasheet
343Kb / 9P
   High Performance, Low RON, 1 ohm SPDT Analog Switch
logo
Texas Instruments
TS5A63157 TI-TS5A63157 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG2511 VISHAY-DG2511_11 Datasheet
175Kb / 9P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
Rev. C, 23-May-11
DG2511 VISHAY-DG2511 Datasheet
127Kb / 8P
   Low-Voltage, Low rON, Single Analog Switch In miniQFN-6 Package
Rev. B, 26-Feb-07
DG2511 VISHAY-DG2511_V01 Datasheet
178Kb / 10P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com