Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74801RGWTG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74801RGWTG4
Description  1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74801RGWTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS74801RGWTG4 Datasheet HTML 5Page - Texas Instruments TPS74801RGWTG4 Datasheet HTML 6Page - Texas Instruments TPS74801RGWTG4 Datasheet HTML 7Page - Texas Instruments TPS74801RGWTG4 Datasheet HTML 8Page - Texas Instruments TPS74801RGWTG4 Datasheet HTML 9Page - Texas Instruments TPS74801RGWTG4 Datasheet HTML 10Page - Texas Instruments TPS74801RGWTG4 Datasheet HTML 11Page - Texas Instruments TPS74801RGWTG4 Datasheet HTML 12Page - Texas Instruments TPS74801RGWTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
I
(A)
OUT
1.6
+125 C
°
+25 C
°
-
°
40 C
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
(V)
BIAS
5.5
+125 C
°
+25 C
°
-
°
40 C
500
475
450
425
400
375
350
325
300
-
50
-
25
0
25
50
75
100
JunctionTemperature( C)
°
125
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
2
4
6
8
10
12
PGCurrent(mA)
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
V
-
BIAS
OUT
(V)
5.0
+125 C
°
+25 C
°
-
°
40 C
V
=0.8V
OUT
TPS74801
www.ti.com
SBVS074J
– JANUARY 2007 – REVISED JANUARY 2012
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VIN = VOUT(TYP) + 0.3V, VBIAS = 5V, IOUT = 50mA, VEN = VIN, CIN = 1μF, CBIAS = 4.7μF, and COUT = 10μF,
unless otherwise noted.
BIAS PIN CURRENT vs
BIAS PIN CURRENT vs
IOUT AND TEMPERATURE (TJ)
VBIAS AND TEMPERATURE (TJ)
Figure 15.
Figure 16.
SOFT-START CHARGING CURRENT (ISS) vs
TEMPERATURE (TJ)
LOW-LEVEL PG VOLTAGE vs CURRENT
Figure 17.
Figure 18.
CURRENT LIMIT vs (VBIAS – VOUT)
Figure 19.
Copyright
© 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS74801


Similar Part No. - TPS74801RGWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801RGWTG4 TI-TPS74801RGWTG4 Datasheet
3Mb / 47P
[Old version datasheet]   TPS748 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
More results

Similar Description - TPS74801RGWTG4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com