Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

475MHBS70KJ Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 475MHBS70KJ
Description  Boxed Metallized Polypropylene Film
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

475MHBS70KJ Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  475MHBS70KJ Datasheet HTML 1Page - Illinois Capacitor, Inc. 475MHBS70KJ Datasheet HTML 2Page - Illinois Capacitor, Inc. 475MHBS70KJ Datasheet HTML 3Page - Illinois Capacitor, Inc. 475MHBS70KJ Datasheet HTML 4Page - Illinois Capacitor, Inc. 475MHBS70KJ Datasheet HTML 5Page - Illinois Capacitor, Inc. 475MHBS70KJ Datasheet HTML 6Page - Illinois Capacitor, Inc. 475MHBS70KJ Datasheet HTML 7Page - Illinois Capacitor, Inc. 475MHBS70KJ Datasheet HTML 8Page - Illinois Capacitor, Inc. 475MHBS70KJ Datasheet HTML 9Page - Illinois Capacitor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Lead styles
2 leads
Length (L)
32
41.5
42.5
57.5
Lead spacing (S)
27.5
37.5
37.5
52.5
Lead Length (LL)
5mm +/-1 mm
4 leads
Length (L)
32
41.5
42.5
57.5
Lead spacing (S)
27.5
37.5
37.5
52.5
Lead Spacing (P)
See part listing
Lead Length (LL)
5mm +/-1 mm
6 leads
Length (L)
32
41.5
42.5
57.5
Lead spacing (S)
27.5
37.5
37.5
52.5
Lead Spacing (P)
See part listing
Lead Length (LL)
5mm +/-1 mm


Similar Part No. - 475MHBS70KJ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475MHBS70KJ## ILLINOISCAPACITOR-475MHBS70KJ## Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
More results

Similar Description - 475MHBS70KJ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473THB305KE ILLINOISCAPACITOR-473THB305KE Datasheet
231Kb / 3P
   Boxed Metallized Polypropylene film capacitors
logo
List of Unclassifed Man...
KNB2520 ETC2-KNB2520 Datasheet
123Kb / 2P
   Polypropylene film, metallized
logo
Surge Components
C31(P) SURGE-C31(P) Datasheet
195Kb / 3P
   Metallized polypropylene film
logo
Illinois Capacitor, Inc...
104FPL102KK2 ILLINOISCAPACITOR-104FPL102KK2 Datasheet
418Kb / 7P
   Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com