Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1215NEGK+D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1215NEGK+D
Description  1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1215NEGK+D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1215NEGK+D Datasheet HTML 4Page - Maxim Integrated Products MAX1215NEGK+D Datasheet HTML 5Page - Maxim Integrated Products MAX1215NEGK+D Datasheet HTML 6Page - Maxim Integrated Products MAX1215NEGK+D Datasheet HTML 7Page - Maxim Integrated Products MAX1215NEGK+D Datasheet HTML 8Page - Maxim Integrated Products MAX1215NEGK+D Datasheet HTML 9Page - Maxim Integrated Products MAX1215NEGK+D Datasheet HTML 10Page - Maxim Integrated Products MAX1215NEGK+D Datasheet HTML 11Page - Maxim Integrated Products MAX1215NEGK+D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
1.8V, Low-Power, 12-Bit, 250Msps
ADC for Broadband Applications
8
________________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1, 6, 11–14, 20,
25, 62, 63, 65
AVCC
Analog Supply Voltage. Bypass AVCC to AGND with a parallel combination of 0.1µF and 0.22µF
capacitors for best decoupling results. Connect all AVCC inputs together. See the Grounding,
Bypassing, and Layout Considerations section.
2, 5, 7, 10, 15, 16,
18, 19, 21, 24,
64, 66, 67
AGND
Analog Converter Ground. Connect all AGND inputs together.
3
REFIO
Reference Input/Output. Pull REFADJ high to allow REFIO to accept an external reference. Pull
REFADJ low to activate the internal 1.25V-bandgap reference. Connect a 0.1µF capacitor from
REFIO to AGND for both internal and external reference.
4
REFADJ
Reference Adjust Input. REFADJ allows for FSR adjustments by placing a resistor or trim
potentiometer between REFADJ and AGND (decreases FSR) or REFADJ and REFIO (increases
FSR). Connect REFADJ to AVCC to override the internal reference with an external source
connected to REFIO. Connect REFADJ to AGND to allow the internal reference to determine the
FSR of the data converter. See the FSR Adjustment Using the Internal Reference section.
8
INP
Positive Analog Input Terminal. Internally self-biased to 0.7V.
9
INN
Negative Analog Input Terminal. Internally self-biased to 0.7V.
17
CLKDIV
Clock Divider Input. CLKDIV controls the sampling frequency relative to the input clock
frequency. CLKDIV has an internal pulldown resistor.
CLKDIV = 0: Sampling frequency is at one-half the input clock frequency.
CLKDIV = 1: Sampling frequency is equal to the input clock frequency.
22
CLKP
True Clock Input. Apply an LVDS-compatible input level to CLKP. Internally self-biased to 1.15V.
23
CLKN
Complementary Clock Input. Apply an LVDS-compatible input level to CLKN. Internally self-
biased to 1.15V.
26, 45, 61
OGND
Digital Converter Ground. Ground connection for digital circuitry and output drivers. Connect all
OGND inputs together.
27, 28, 41, 44, 60
OVCC
Digital Supply Voltage. Bypass OVCC with a 0.1µF capacitor to OGND. Connect all OVCC inputs
together. See the Grounding, Bypassing, and Layout Considerations section.
29
D0N
Complementary Output Bit 0 (LSB)
30
D0P
True Output Bit 0 (LSB)
31
D1N
Complementary Output Bit 1
32
D1P
True Output Bit 1
33
D2N
Complementary Output Bit 2
34
D2P
True Output Bit 2
35
D3N
Complementary Output Bit 3
36
D3P
True Output Bit 3


Similar Part No. - MAX1215NEGK+D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1215N MAXIM-MAX1215N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1215N MAXIM-MAX1215N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
More results

Similar Description - MAX1215NEGK+D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1215 MAXIM-MAX1215 Datasheet
332Kb / 20P
   1.8V, 12-Bit, 250Msps ADC for Broadband Applications
2006
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
MAX1217 MAXIM-MAX1217 Datasheet
336Kb / 22P
   1.8V, Dual, 12-Bit, 125Msps ADC for Broadband Applications
2005
MAX1219 MAXIM-MAX1219 Datasheet
539Kb / 21P
   1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 8/05
MAX1218 MAXIM-MAX1218 Datasheet
577Kb / 21P
   1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com