Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1214NEGK+D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1214NEGK+D
Description  1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1214NEGK+D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1214NEGK+D Datasheet HTML 2Page - Maxim Integrated Products MAX1214NEGK+D Datasheet HTML 3Page - Maxim Integrated Products MAX1214NEGK+D Datasheet HTML 4Page - Maxim Integrated Products MAX1214NEGK+D Datasheet HTML 5Page - Maxim Integrated Products MAX1214NEGK+D Datasheet HTML 6Page - Maxim Integrated Products MAX1214NEGK+D Datasheet HTML 7Page - Maxim Integrated Products MAX1214NEGK+D Datasheet HTML 8Page - Maxim Integrated Products MAX1214NEGK+D Datasheet HTML 9Page - Maxim Integrated Products MAX1214NEGK+D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
1.8V, Low-Power, 12-Bit, 210Msps
ADC for Broadband Applications
6
______________________________________________________________________________________
SFDR/(-THD) vs. ANALOG INPUT AMPLITUDE
(fSAMPLE = 210MHz, fIN = 65.087MHz)
ANALOG INPUT AMPLITUDE (dBFS)
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
45
60
70
80
90
55
65
75
85
95
100
30
35
50
40
-55
0
SFDR
-THD
HD2/HD3 vs. ANALOG INPUT AMPLITUDE
(fSAMPLE = 210MHz, fIN = 65.087MHz)
ANALOG INPUT AMPLITUDE (dBFS)
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
-90
-80
-70
-60
-50
-40
-30
-110
-100
-55
0
HD2
HD2
SNR/SINAD vs. SAMPLE FREQUENCY
(fIN = 65.087MHz, AIN = -1dBFS)
fSAMPLE (MHz)
180 200
160
120 140
100
40 60 80
20
55
60
65
70
75
40
50
45
0
220
SNR
SINAD
SFDR/(-THD) vs. SAMPLE FREQUENCY
(fIN = 65.087MHz, AIN = -1dBFS)
fSAMPLE (MHz)
180 200
160
120 140
60 80 100
40
20
75
80
85
90
95
100
50
70
65
60
55
0
220
SFDR
-THD
HD2/HD3 vs. SAMPLE FREQUENCY
(fIN = 65.087MHz, AIN = -1dBFS)
fSAMPLE (MHz)
180 200
160
140
120
100
60 80
20 40
-100
-110
-95
-90
-85
-80
-75
-70
-60
-65
-120
-105
-115
0
220
HD3
HD2
TOTAL POWER DISSIPATION vs. SAMPLE
FREQUENCY (fIN = 65.087MHz, AIN = -1dBFS)
fSAMPLE (MHz)
191
153 172
134
96 115
58 77
39
0.750
0.725
0.775
0.800
0.825
0.850
0.875
0.700
20
210
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
3584
3072
2048 2560
1024 1536
512
-0.4
-0.1
0.2
0.5
0.8
-0.7
0
4096
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
3584
3072
2048 2560
1024 1536
512
-0.5
-0.2
0.1
0.4
0.7
-0.8
0
4096
GAIN BANDWIDTH PLOT
(fSAMPLE = 210MHz, AIN = -1dBFS)
ANALOG INPUT FREQUENCY (MHz)
10
100
-6
-5
-4
-3
-2
-1
0
1
-7
1
1000
Typical Operating Characteristics (continued)
(AVCC = OVCC = 1.8V, AGND = OGND = 0, fSAMPLE = 210MHz, AIN = -1dBFS; see each TOC for detailed information on test condi-
tions, differential input drive, differential sine-wave clock input drive, 0.1µF capacitor on REFIO, internal reference, digital output pins
differential RL = 100
Ω, TA = +25°C.)


Similar Part No. - MAX1214NEGK+D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1214N MAXIM-MAX1214N Datasheet
395Kb / 21P
   1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214N MAXIM-MAX1214N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
More results

Similar Description - MAX1214NEGK+D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
MAX1219 MAXIM-MAX1219 Datasheet
539Kb / 21P
   1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 8/05
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1215N MAXIM-MAX1215N Datasheet
395Kb / 21P
   1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
MAX1215 MAXIM-MAX1215 Datasheet
332Kb / 20P
   1.8V, 12-Bit, 250Msps ADC for Broadband Applications
2006
MAX1217 MAXIM-MAX1217 Datasheet
336Kb / 22P
   1.8V, Dual, 12-Bit, 125Msps ADC for Broadband Applications
2005
MAX1218 MAXIM-MAX1218 Datasheet
577Kb / 21P
   1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12 Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com