Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3957M-3G4 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3957M-3G4
Description  THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3957M-3G4 Datasheet(HTML) 2 Page - Texas Instruments

  UCC3957M-3G4 Datasheet HTML 1Page - Texas Instruments UCC3957M-3G4 Datasheet HTML 2Page - Texas Instruments UCC3957M-3G4 Datasheet HTML 3Page - Texas Instruments UCC3957M-3G4 Datasheet HTML 4Page - Texas Instruments UCC3957M-3G4 Datasheet HTML 5Page - Texas Instruments UCC3957M-3G4 Datasheet HTML 6Page - Texas Instruments UCC3957M-3G4 Datasheet HTML 7Page - Texas Instruments UCC3957M-3G4 Datasheet HTML 8Page - Texas Instruments UCC3957M-3G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
UCC39571, UCC39572, UCC39573, UCC39574
SLUS236B – JANUARY 1999 – REVISED SEPTEMBER 2002
2
www.ti.com
block diagram
UDG–00129
1
3
2
CELL
VOLTAGE
SELECT
OVERCURRENT
CONTROLLER
4
6
5
7
8
REFERENCE
VOLTAGE
SELECT AND
COMPARE
REF
STATE
MACHINE
CLOCK
SQ
R
+
AN4
VDD
BATLO
AN3
AN2
AN1
CLCNT
WU
VDD
UV
SLEEP
16
14
15
13
11
12
10
9
CDLY1
CHGEN
AN4
CHG
AVDD
CDLY2
DVDD
DCHG
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†‡
Supply voltage (VDD)
20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply current
25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current
25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage:
(WU)
24 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(AN1, AN2, AN3)
VAN4 – VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(CLCNT, CHGEN)
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (BATLO)
–0.3 V to 2.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 seconds)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Unless otherwise indicated, voltages are reference to ground and currents are positive into and negative out of the specified terminals. Consult
Packaging Information section of the Portable Products Databook (TI Literature No. SLUD001) for thermal limitations and considerations of
packages. All voltages are referenced to the AN4 terminal.
AVAILABLE OPTIONS
T
PACKAGED DEVICES†
SSOP (M)
TA
NORMAL TO OVERCHARGE VOLTAGE (V)
4.20
4.25
4.30
4.35
–20
°C to 70°C
UCC3957M–1
UCC3957M–2
UCC3957M–3
UCC3957M–4
† The M package is available taped and reeled. Add TR suffix to device type (e.g.
UCC3957M–1TR) to order quantities of 2500 devices per reel.
Not Recommended for New Designs


Similar Part No. - UCC3957M-3G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3957M-3G4 TI-UCC3957M-3G4 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
More results

Similar Description - UCC3957M-3G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957 TI-UCC3957 Datasheet
117Kb / 8P
[Old version datasheet]   Three - Four Cell Lithium-Ion Protector Circuit
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29312A TI1-BQ29312A_15 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
[Old version datasheet]   FOUR CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com