Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1213NEGK+D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1213NEGK+D
Description  1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1213NEGK+D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1213NEGK+D Datasheet HTML 7Page - Maxim Integrated Products MAX1213NEGK+D Datasheet HTML 8Page - Maxim Integrated Products MAX1213NEGK+D Datasheet HTML 9Page - Maxim Integrated Products MAX1213NEGK+D Datasheet HTML 10Page - Maxim Integrated Products MAX1213NEGK+D Datasheet HTML 11Page - Maxim Integrated Products MAX1213NEGK+D Datasheet HTML 12Page - Maxim Integrated Products MAX1213NEGK+D Datasheet HTML 13Page - Maxim Integrated Products MAX1213NEGK+D Datasheet HTML 14Page - Maxim Integrated Products MAX1213NEGK+D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
1.8V, Low-Power, 12-Bit, 170Msps
ADC for Broadband Applications
______________________________________________________________________________________
11
Analog Inputs (INP, INN)
INP and INN are the fully differential inputs of the
MAX1213N. Differential inputs usually feature good
rejection of even-order harmonics, which allows for
enhanced AC performance as the signals are progress-
ing through the analog stages. The MAX1213N analog
inputs are self-biased at a 0.74V common-mode voltage
and allow a 1.38VP-P differential input voltage swing
(Figure 2). Both inputs are self-biased through 900
resistors, resulting in a typical differential input resis-
tance of 1.8k
Ω. Drive the analog inputs of the
MAX1213N in AC-coupled configuration to achieve the
best dynamic performance. See the Transformer-
Coupled, Differential Analog Input Drive section.
MAX1213N
12-BIT PIPELINE
ADC
CS
FROM CLOCK-
MANAGEMENT BLOCK
T/H
TO COMMON MODE
CS
CP
INP
INP
INP - INN
VCM + VFS / 4
VCM - VFS / 4
+VFS / 2
-VFS / 2
GND
GND
VCM
INN
INN
CS IS THE SAMPLING CAPACITANCE
CP IS THE PARASITIC CAPACITANCE ˜ 1pF
AVCC
900
900
CP
Figure 2. Simplified Analog Input Architecture and Allowable Input Voltage Range


Similar Part No. - MAX1213NEGK+D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1213N MAXIM-MAX1213N Datasheet
395Kb / 21P
   1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1213N MAXIM-MAX1213N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
More results

Similar Description - MAX1213NEGK+D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
MAX1218 MAXIM-MAX1218 Datasheet
577Kb / 21P
   1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
MAX1215N MAXIM-MAX1215N Datasheet
395Kb / 21P
   1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
MAX1215 MAXIM-MAX1215 Datasheet
332Kb / 20P
   1.8V, 12-Bit, 250Msps ADC for Broadband Applications
2006
MAX1217 MAXIM-MAX1217 Datasheet
336Kb / 22P
   1.8V, Dual, 12-Bit, 125Msps ADC for Broadband Applications
2005
MAX1219 MAXIM-MAX1219 Datasheet
539Kb / 21P
   1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 8/05
logo
Linear Technology
LTM2220-AA LINER-LTM2220-AA_15 Datasheet
203Kb / 12P
   12-Bit, 170Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com