Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8844CEQA250Z Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8844CEQA250Z
Description  750mA CMOS LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8844CEQA250Z Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8844CEQA250Z Datasheet HTML 1Page - Analog Microelectronics AME8844CEQA250Z Datasheet HTML 2Page - Analog Microelectronics AME8844CEQA250Z Datasheet HTML 3Page - Analog Microelectronics AME8844CEQA250Z Datasheet HTML 4Page - Analog Microelectronics AME8844CEQA250Z Datasheet HTML 5Page - Analog Microelectronics AME8844CEQA250Z Datasheet HTML 6Page - Analog Microelectronics AME8844CEQA250Z Datasheet HTML 7Page - Analog Microelectronics AME8844CEQA250Z Datasheet HTML 8Page - Analog Microelectronics AME8844CEQA250Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AME
1
AME8844
750mA CMOS LDO
Rev.F.01
n Functional Block Diagram
(Fixed Versions)
The AME8844 family of positive, linear regulators fea-
ture low quiescent current (45
µA typ.) with low dropout
voltage, making them ideal for battery applications.
Output voltages are set at the factory and trimmed to
1.5% accuracy.
These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under the
"Worst" operating conditions.
An additional feature is a
“Power Good” detector, which
pulls low when the output is out of regulation.
The AME8844 is stable with an output capacitance of
4.7
µF or greater.
l Instrumentation
l Portable Electronics
l Wireless Devices
l PC Peripherals
l Battery Powered Widgets
n General Description
n Features
n Applications
(Adjustable Version)
(external)
(external)
Overcurrent
Shutdown
Thermal
Shutdown
AMP
IN
1.242V
GND
OUT
R1
R2
EN
ADJ
GND
OUT
IN
PG
Overcurrent
Shutdown
Thermal
Shutdown
EN
Vref
Vref x85%
Vrefx115%
AMP
R2
R1
n Typical Applications
AME8844
OUT
IN
C3
4.7
µF
C1
1
µF
GND
OUT
EN
PG
IN
5V
l Very Low Dropout Voltage
l Guaranteed 750mA Output
l Accurate to within 1.5%
l 45
µA Quiescent Current Typically
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l Noise Reduction Bypass Capacitor (Fixed
Versions)
l Power-Saving Shutdown Mode
l Space-Saving MSOP-8 Package
l 6 Factory Pre-set Output Voltages
l Low Temperature Coefficient
l Adjustable Version
l Power Good Output Function.
l All AME's Lead Free Products Meet RoHS
Standards


Similar Part No. - AME8844CEQA250Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8844 AME-AME8844 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844AEA150 AME-AME8844AEA150 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844AEA180 AME-AME8844AEA180 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844AEA250 AME-AME8844AEA250 Datasheet
273Kb / 14P
   750mA CMOS LDO
More results

Similar Description - AME8844CEQA250Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8808 AME-AME8808_08 Datasheet
230Kb / 13P
   750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com