Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1214N Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1214N
Description  1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1214N Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1214N Datasheet HTML 1Page - Maxim Integrated Products MAX1214N Datasheet HTML 2Page - Maxim Integrated Products MAX1214N Datasheet HTML 3Page - Maxim Integrated Products MAX1214N Datasheet HTML 4Page - Maxim Integrated Products MAX1214N Datasheet HTML 5Page - Maxim Integrated Products MAX1214N Datasheet HTML 6Page - Maxim Integrated Products MAX1214N Datasheet HTML 7Page - Maxim Integrated Products MAX1214N Datasheet HTML 8Page - Maxim Integrated Products MAX1214N Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
1.8V, Low-Power, 12-Bit, 250Msps
ADC for Broadband Applications
4
________________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVCC = OVCC = 1.8V, AGND = OGND = 0, fSAMPLE = 250MHz, differential clock input drive, 0.1µF capacitor on REFIO, internal ref-
erence, digital output pins differential RL = 100Ω. Limits are for TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVCMOS DIGITAL INPUTS (CLKDIV,
T/B)
Digital Input-Voltage Low
VIL
0.2 x AVCC
V
Digital Input-Voltage High
VIH
0.8 x AVCC
V
TIMING CHARACTERISTICS
CLK-to-Data Propagation Delay
tPDL
Figure 5
2.23
ns
CLK-to-DCLK Propagation Delay
tCPDL
Figure 5
3.77
ns
DCLK-to-Data Propagation Delay
tCPDL - tPDL Figure 5 (Note 3)
1.47
1.54
1.63
ns
LVDS Output Rise Time
tRISE
20% to 80%, CL = 5pF
155
ps
LVDS Output Fall Time
tFALL
20% to 80%, CL = 5pF
145
ps
Output Data Pipeline Delay
tLATENCY
Figure 5
11
Clock
cycles
POWER REQUIREMENTS
Analog Supply Voltage Range
AVCC
1.7
1.8
1.9
V
Digital Supply Voltage Range
OVCC
1.7
1.8
1.9
V
Analog Supply Current
IAVCC
fIN = 100MHz
428
480
mA
Digital Supply Current
IOVCC
fIN = 100MHz
64
74
mA
Analog Power Dissipation
PDISS
fIN = 100MHz
886
965
mW
Offset
1.7
mV/V
Power-Supply Rejection Ratio
(Note 4)
PSRR
Gain
4.5
%FS/V
Note 1: TA ≥ +25°C guaranteed by production test, TA < +25°C guaranteed by design and characterization. Typical values are at
TA = +25°C
Note 2: Static linearity and offset parameters are computed from an endpoint curve fit.
Note 3: Parameter guaranteed by design and characterization: TA = -40°C to +85°C.
Note 4: PSRR is measured with both analog and digital supplies connected to the same potential.


Similar Part No. - MAX1214N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214N MAXIM-MAX1214N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214NEGK+D MAXIM-MAX1214NEGK+D Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214NEGK-D MAXIM-MAX1214NEGK-D Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
More results

Similar Description - MAX1214N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1215 MAXIM-MAX1215 Datasheet
332Kb / 20P
   1.8V, 12-Bit, 250Msps ADC for Broadband Applications
2006
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
MAX1217 MAXIM-MAX1217 Datasheet
336Kb / 22P
   1.8V, Dual, 12-Bit, 125Msps ADC for Broadband Applications
2005
MAX1219 MAXIM-MAX1219 Datasheet
539Kb / 21P
   1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 8/05
MAX1218 MAXIM-MAX1218 Datasheet
577Kb / 21P
   1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com