Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7NZ17L8X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7NZ17L8X
Description  TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7NZ17L8X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7NZ17L8X Datasheet HTML 1Page - Fairchild Semiconductor NC7NZ17L8X Datasheet HTML 2Page - Fairchild Semiconductor NC7NZ17L8X Datasheet HTML 3Page - Fairchild Semiconductor NC7NZ17L8X Datasheet HTML 4Page - Fairchild Semiconductor NC7NZ17L8X Datasheet HTML 5Page - Fairchild Semiconductor NC7NZ17L8X Datasheet HTML 6Page - Fairchild Semiconductor NC7NZ17L8X Datasheet HTML 7Page - Fairchild Semiconductor NC7NZ17L8X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
Note 3: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output
loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression:
ICCD = (CPD)(VCC)(fIN) + (ICCstatic).
Dynamic Switching Characteristics
AC Loading and Waveforms
CL includes load and stray capacitance
Input PRR
= 1.0 MHz; t
W = 500 ns
FIGURE 1. AC Test Circuit
Input
= AC Waveform; t
r = tf = 1.8 ns;
PRR
= variable; Duty Cycle = 50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Typ
Max
Min
Max
ICC
Quiescent Supply Current
1.65 to 5.5
1.0
10
µAV
IN = 5.5V, GND
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
(V)
Min
Typ
Max
Min
Max
Number
tPLH
Propagation Delay
1.8
± 0.15
2.0
6.9
11.9
2.0
13.1
ns
Figures
1, 3
tPHL
2.5
± 0.2
1.5
4.8
8.2
1.5
9.0
CL = 15 pF,
3.3
± 0.3
1.0
3.7
5.6
1.0
6.2
RL = 1 MΩ
5.0
± 0.5
0.8
3.0
4.7
0.8
5.2
tPLH
Propagation Delay
3.3
± 0.3
1.5
4.3
6.6
1.5
7.3
ns
CL = 50 pF,
Figures
1, 3
tPHL
5.0
± 0.5
1.0
3.6
5.6
1.0
6.2
RL = 500Ω
CIN
Input Capacitance
0
2.5
pF
CPD
Power Dissipation
3.3
9
pF
(Note 3)
Figure 2
Capacitance
5.0
11
Symbol
Parameter
Conditions
VCC
TA = 25°C
Unit
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50pF, VIH = 5.0V, VIL = 0V
5.0
0.8
V
VOLV
Quiet Output Dynamic Valley VOL
CL = 50pF, VIH = 5.0V, VIL = 0V
5.0
−0.8
V


Similar Part No. - NC7NZ17L8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7NZ17L8X FAIRCHILD-NC7NZ17L8X Datasheet
211Kb / 8P
   TinyLogic UHS Triple Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7NZ17L8X ONSEMI-NC7NZ17L8X Datasheet
310Kb / 10P
   TinyLogic UHS Triple Buffer
Revised November 2005
More results

Similar Description - NC7NZ17L8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7NZ17 FAIRCHILD-NC7NZ17_05 Datasheet
211Kb / 8P
   TinyLogic UHS Triple Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17 Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7WZ17 ONSEMI-NC7WZ17_V01 Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17_06 Datasheet
487Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
NC7WZ17 FAIRCHILD-NC7WZ17 Datasheet
99Kb / 7P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
NC7WZ14 FAIRCHILD-NC7WZ14_05 Datasheet
111Kb / 8P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14 Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7WZ14EP6X FAIRCHILD-NC7WZ14EP6X Datasheet
521Kb / 9P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
NC7WZ14 FAIRCHILD-NC7WZ14 Datasheet
97Kb / 7P
   TinyLogic. UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14_V01 Datasheet
410Kb / 12P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
March, 2022 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com