Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN6756MRMY Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN6756MRMY
Description  FAN6756??mWSaver??PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6756MRMY Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN6756MRMY Datasheet HTML 1Page - Fairchild Semiconductor FAN6756MRMY Datasheet HTML 2Page - Fairchild Semiconductor FAN6756MRMY Datasheet HTML 3Page - Fairchild Semiconductor FAN6756MRMY Datasheet HTML 4Page - Fairchild Semiconductor FAN6756MRMY Datasheet HTML 5Page - Fairchild Semiconductor FAN6756MRMY Datasheet HTML 6Page - Fairchild Semiconductor FAN6756MRMY Datasheet HTML 7Page - Fairchild Semiconductor FAN6756MRMY Datasheet HTML 8Page - Fairchild Semiconductor FAN6756MRMY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6756 • Rev. 2.0.0
5
Electrical Characteristics
VDD=15 V and TJ=TA=25°C unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VDD Section
VDD-ON
Threshold Voltage to Startup
VDD Rising
16
17
18
V
VUVLO
Threshold Voltage to Stop
Switching in Normal Mode
VDD Falling
5.5
6.5
7.5
V
VRESTART
Threshold Voltage to Enable HV
Startup to Charge VDD in Normal
Mode
VDD Falling
4.7
V
VDD-OFF
Threshold Voltage to Stop
Operating in Protection Mode
VDD Falling
10
11
12
V
VDD-OLP
Threshold Voltage to Enable HV
Startup to Charge VDD in
Protection Mode
VDD Falling
6
7
8
V
VDD-LH
Threshold Voltage to Release
Latch Mode
VDD Falling
3.5
4.0
4.5
V
VDD-AC
Threshold Voltage of VDD pin for
Enabling Brown-in
VUVLO
+2.5
VUVLO+3
VUVLO
+3.5
V
IDD-ST
Startup Current
VDD=VDD-ON – 0.16 V
30
µA
IDD-OP1
Supply Current in PWM Operation
VDD=15 V, VFB = 3 V,
Gate Open
1.8
mA
IDD-OP2
Supply Current when PWM Stops
VDD=15 V, VFB <1.4 V,
Deep Burst Mode,
Gate Off
450
µA
IDD-OLP
Internal Sink Current,
VDD-OLP<VDD<VDD-OFF,
Protection Mode
VDD=
VDD-OLP
+ 0.1 V
FAN6756MRMY
90
140
190
µA
FAN6756MLMY
160
210
260
µA
ILH
Internal Sink Current, VDD<VDD-OLP,
Latch-Protection Mode
VDD = 5 V
30
µA
VDD-OVP
Threshold Voltage for VDD
Over-Voltage Protection
23.5
24.5
25.5
V
tD-VDDOVP
VDD Over-Voltage Protection
Debounce Time
110
205
300
µs
VDD-ZFBR
VDD Threshold Voltage for FB-Pin
Impedance Modulation in Deep
Burst Mode
7
V
Continued on the following page…


Similar Part No. - FAN6756MRMY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6756MRMY FAIRCHILD-FAN6756MRMY Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
logo
ON Semiconductor
FAN6756MRMY ONSEMI-FAN6756MRMY Datasheet
1Mb / 21P
   PWM Controller
Rev. 2.0.0
More results

Similar Description - FAN6756MRMY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6755UWMY FAIRCHILD-FAN6755UWMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755WMY FAIRCHILD-FAN6755WMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6757 FAIRCHILD-FAN6757 Datasheet
1Mb / 17P
   mWSaver PWM Controller
FAN302HLMY_F117 FAIRCHILD-FAN302HLMY_F117 Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery-Charger Applications ??mWSaver??Technology
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
   PWM Controller
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
   PWM Controller
logo
ON Semiconductor
FAN6756 ONSEMI-FAN6756 Datasheet
1Mb / 21P
   PWM Controller
Rev. 2.0.0
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75003 TOKO-TK75003 Datasheet
108Kb / 14P
   PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com