Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8861AEEV300Z Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME8861AEEV300Z
Description  600mA CMOS LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8861AEEV300Z Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME8861AEEV300Z Datasheet HTML 4Page - Analog Microelectronics AME8861AEEV300Z Datasheet HTML 5Page - Analog Microelectronics AME8861AEEV300Z Datasheet HTML 6Page - Analog Microelectronics AME8861AEEV300Z Datasheet HTML 7Page - Analog Microelectronics AME8861AEEV300Z Datasheet HTML 8Page - Analog Microelectronics AME8861AEEV300Z Datasheet HTML 9Page - Analog Microelectronics AME8861AEEV300Z Datasheet HTML 10Page - Analog Microelectronics AME8861AEEV300Z Datasheet HTML 11Page - Analog Microelectronics AME8861AEEV300Z Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AME
8
600mA CMOS LDO
AME8861
Rev.E.05
Ground Current vs. Input Voltage
Load Step (1mA-600mA)
Drop Out Voltage vs. Output Voltage
Power Supply Rejection Ratio
Safe Operating Area
Power Supply Rejection Ratio
Input Voltage (V)
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
6
7
8
85
O
C
25
O
C
TIME ( 20mS/DIV)
I
Load
Output
C
L=2.2µF
CIN=2.2
µF
0
100mA
10mA
1mA
100
µ A
100mA
100
µA
C
L=2.2µF Tantalum
C
BYP=0
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1K
100K
Frequency (Hz)
10M
-80
-70
-60
-50
-40
-30
-20
10
1K
100K
10M
Frequency (Hz)
C
L=2.2µF Tantalum
C
BYP=1000pF
100mA
100
µA
1mA
10mA
100mA
100
µA
0
200
400
600
800
1000
1200
1
2
3
4
5
6
I
LOAD=600mA
Output Voltage (V)
10
100
600
0.1
1.0
8. 0
Input-Output Voltage Differential (V)
SOT-2X
n Characterization Curve


Similar Part No. - AME8861AEEV300Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8861AEEV300Z AME-AME8861AEEV300Z Datasheet
148Kb / 9P
   600mA CMOS LDO
More results

Similar Description - AME8861AEEV300Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com