Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97314 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # 97314
Description  4-Megabit (512K x 8) otp eprom
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

97314 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button 97314 Datasheet HTML 6Page - ATMEL Corporation 97314 Datasheet HTML 7Page - ATMEL Corporation 97314 Datasheet HTML 8Page - ATMEL Corporation 97314 Datasheet HTML 9Page - ATMEL Corporation 97314 Datasheet HTML 10Page - ATMEL Corporation 97314 Datasheet HTML 11Page - ATMEL Corporation 97314 Datasheet HTML 12Page - ATMEL Corporation 97314 Datasheet HTML 13Page - ATMEL Corporation 97314 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
0189G–EPROM–05/05
AT27C040
19. Ordering Information
Note:
Refer to PCN# SC042702.
19.1
Standard Package
tACC (ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
30
0.1
AT27C040-70JI
AT27C040-70PI
AT27C040-70TI
32J
32P6
32T
Industrial
(-40
°C to 85°C)
90
30
0.1
AT27C040-90JI
AT27C040-90PI
AT27C040-90TI
32J
32P6
32T
Industrial
(-40
°C to 85°C)
19.2
Green Package Option (Pb/Halide-free)
t
ACC (ns)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
30
0.1
AT27C040-70JU
AT27C040-70PU
AT27C040-70TU
32J
32P6
32T
Industrial
(-40
°C to 85°C)
90
30
0.1
AT27C040-90JU
AT27C040-90PU
AT27C040-90TU
32J
32P6
32T
Industrial
(-40
°C to 85°C)
Package Type
32J
32-lead, Plastic J-leaded Chip Carrier (PLCC)
32P6
32-lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
32T
32-lead, Plastic Thin Small Outline Package (TSOP)


Similar Part No. - 97314

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9731 ETC2-9731 Datasheet
104Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
logo
Belden Inc.
9731 BELDEN-9731 Datasheet
165Kb / 2P
   RS232/422 Low Cap, #24-6pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9731.00152 BELDEN-9731.00152 Datasheet
165Kb / 2P
   RS232/422 Low Cap, #24-6pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9731.0030 BELDEN-9731.0030 Datasheet
165Kb / 2P
   RS232/422 Low Cap, #24-6pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9731.00305 BELDEN-9731.00305 Datasheet
165Kb / 2P
   RS232/422 Low Cap, #24-6pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
More results

Similar Description - 97314

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com