Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C040-70PI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27C040-70PI
Description  4-Megabit (512K x 8) otp eprom
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040-70PI Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27C040-70PI Datasheet HTML 1Page - ATMEL Corporation AT27C040-70PI Datasheet HTML 2Page - ATMEL Corporation AT27C040-70PI Datasheet HTML 3Page - ATMEL Corporation AT27C040-70PI Datasheet HTML 4Page - ATMEL Corporation AT27C040-70PI Datasheet HTML 5Page - ATMEL Corporation AT27C040-70PI Datasheet HTML 6Page - ATMEL Corporation AT27C040-70PI Datasheet HTML 7Page - ATMEL Corporation AT27C040-70PI Datasheet HTML 8Page - ATMEL Corporation AT27C040-70PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
0189G–EPROM–05/05
AT27C040
Notes:
1. X can be V
IL or VIH.
2. Refer to Programming Characteristics
3. VH = 12.0 ± 0.5V.
4. Two identifier bytes may be selected. All Ai inputs are held low (V
IL), except A9 which is set to VH and A0 which is toggled
low (V
IL) to select the Manufacturer’s Identification byte and high (VIH) to select the Device Code byte.
Notes:
1. V
CC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP.
6.
Operating Modes
Mode/Pin
CE
OE
Ai
V
PP
Outputs
Read
VIL
VIL
Ai
X
(1)
DOUT
Output Disable
X
V
IH
XX
High Z
Standby
V
IH
XX
X
High Z
Rapid Program
(2)
VIL
VIH
Ai
VPP
DIN
PGM Verify
X
V
IL
Ai
V
PP
D
OUT
PGM Inhibit
V
IH
V
IH
XV
PP
High Z
Product Identification
(4)
V
IL
V
IL
A9 = VH
(3)
A0 = V
IH or VIL
A1 - A18 = V
IL
X
Identification Code
7.
DC and AC Operating Conditions for Read Operation
AT27C040-70
AT27C040-90
Industrial Operating Temperature (Case)
-40°C - 85°C
-40°C - 85°C
V
CC Power Supply
5V
± 10%
5V
± 10%
8.
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
±1µA
I
LO
Output Leakage Current
V
OUT = 0V to VCC
±5µA
IPP1
(2)
VPP
(1) Read/Standby Current
VPP = VCC
10
µA
I
SB
V
CC1
(1) Standby Current
I
SB1 (CMOS), CE = VCC ± 0.3V
100
µA
I
SB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA, CE = VIL
30
mA
V
IL
Input Low Voltage
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA
2.4
V


Similar Part No. - AT27C040-70PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040-70PI ATMEL-AT27C040-70PI Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27C040-70PI ATMEL-AT27C040-70PI Datasheet
354Kb / 14P
   4-Megabit
More results

Similar Description - AT27C040-70PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com