Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C56B-SSHM-B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT93C56B-SSHM-B
Description  Three-wire Serial Electrically Erasable Programmable Read-only Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C56B-SSHM-B Datasheet(HTML) 2 Page - ATMEL Corporation

  AT93C56B-SSHM-B Datasheet HTML 1Page - ATMEL Corporation AT93C56B-SSHM-B Datasheet HTML 2Page - ATMEL Corporation AT93C56B-SSHM-B Datasheet HTML 3Page - ATMEL Corporation AT93C56B-SSHM-B Datasheet HTML 4Page - ATMEL Corporation AT93C56B-SSHM-B Datasheet HTML 5Page - ATMEL Corporation AT93C56B-SSHM-B Datasheet HTML 6Page - ATMEL Corporation AT93C56B-SSHM-B Datasheet HTML 7Page - ATMEL Corporation AT93C56B-SSHM-B Datasheet HTML 8Page - ATMEL Corporation AT93C56B-SSHM-B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
8735A–SEEPR–1/11
Atmel AT93C56B/66B
1.
Absolute Maximum Ratings*
Figure 1-1.
Block Diagram
Note:
When the ORG pin is connected to V
CC, the x 16 organization is selected. When it is connected to ground, the x 8 organization
is selected. If the ORG pin is left unconnected and the application does not load the input beyond the capability of the internal
1M
pull-up resistor, then the x 16 organization is selected.
Operating Temperature
55C to +125C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only, and functional
operation of the device at these or any other conditions
beyond those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
Storage Temperature
65C to +150C
Voltage on Any Pin
with Respect to Ground
 1.0V to +7.0V
Maximum Operating Voltage. . . . . . . . . . . . . . . . . . . . 6.25V
DC Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0mA
ORG
DI
CS
SK
VCC
GND
ADDRESS
DECODER
OUTPUT
BUFFER
DATA
REGISTER
MODE
DECODE
LOGIC
CLOCK
GENERATOR
DO
MEMORY ARRAY
256/512 x 8
or
128/256 x 16


Similar Part No. - AT93C56B-SSHM-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
More results

Similar Description - AT93C56B-SSHM-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C02C ATMEL-AT24C02C Datasheet
1,008Kb / 23P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C16C-SSHM-B ATMEL-AT24C16C-SSHM-B Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C64D-SSHM-T ATMEL-AT24C64D-SSHM-T Datasheet
1Mb / 26P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C64D-XHM-T ATMEL-AT24C64D-XHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com