Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7S00M5X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NC7S00M5X
Description  TinyLogic HS 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7S00M5X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NC7S00M5X Datasheet HTML 1Page - Fairchild Semiconductor NC7S00M5X Datasheet HTML 2Page - Fairchild Semiconductor NC7S00M5X Datasheet HTML 3Page - Fairchild Semiconductor NC7S00M5X Datasheet HTML 4Page - Fairchild Semiconductor NC7S00M5X Datasheet HTML 5Page - Fairchild Semiconductor NC7S00M5X Datasheet HTML 6Page - Fairchild Semiconductor NC7S00M5X Datasheet HTML 7Page - Fairchild Semiconductor NC7S00M5X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation of circuits outside the databook specifications.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
@VIN ≤ −0.5V
−20 mA
@VIN ≥ VCC + 0.5V
+20 mA
DC Input Voltage (VIN)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
@VOUT < −0.5V
−20 mA
@VOUT > VCC + 0.5V
+20 mA
DC Output Voltage (VOUT)
−0.5V to V
CC+ 0.5V
DC Output Source
or Sink Current (IOUT)
±12.5 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
±25 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature (TJ)150°C
Lead Temperature (TL);
(Soldering, 10 seconds)
260
°C
Power Dissipation (PD) @ +85°C
SOT23-5
200 mW
SC70-5
150 mW
Supply Voltage (VCC)2.0V−6.0V
Input Voltage (VIN)0V−VCC
Output Voltage (VOUT)0V−VCC
Operating Temperature (TA)
−40°C to +85°C
Input Rise and Fall Time (tr, tf)
VCC @ 2.0V
0
−1000 ns
VCC @ 3.0V
0
−750 ns
VCC @ 4.5V
0
−500 ns
VCC @ 6.0V
0
−400 ns
Thermal Resistance (
θ
JA)
SOT23-5
300
°C/W
SC70-5
425
°C/W
Symbol
Parameter
VCC
TA =+25°CTA =−40°Cto +85°C
Units
Conditions
(V)
Min
Typ
Max
Min
Max
VIH
HIGH Level Input Voltage
2.0
1.50
1.50
V
3.0 - 6.0
0.7 VCC
0.7VCC
VIL
LOW Level Input Voltage
2.0
0.50
0.50
V
3.0 - 6.0
0.3VCC
0.3 VCC
VOH
HIGH Level Output Voltage
2.0
1.90
2.0
1.90
V
3.02.903.0
2.90
IOH = −20 µA
4.54.404.5
4.40
VIN = VIL
6.05.906.0
5.90
V
VIN= VIL
3.0
2.68
2.85
2.63
IOH = −1.3 mA
4.5
4.18
4.35
4.13
IOH = −2 mA
6.0
5.68
5.85
5.63
IOH = −2.6 mA
VOL
LOW Level Output Voltage
2.0
0.0
0.10
0.10
V
3.0
0.0
0.10
0.10
IOL = 20 µA
4.5
0.0
0.10
0.10
VIN = VIH
6.0
0.0
0.10
0.10
V
VIN = VIH
3.0
0.1
0.26
0.33
IOL = 1.3 mA
4.5
0.1
0.26
0.33
IOL = 2 mA
6.0
0.1
0.26
0.33
IOL = 2.6 mA
IIN
Input Leakage Current
6.0
±0.1
±1.0
µAV
IN = VCC, GND
ICC
Quiescent Supply Current
6.0
1.0
10.0
µAV
IN = VCC, GND


Similar Part No. - NC7S00M5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7S00M5X ONSEMI-NC7S00M5X Datasheet
363Kb / 9P
   TinyLogic HS 2-Input NAND Gate
December-2017, Rev. 2
NC7S00M5X ONSEMI-NC7S00M5X Datasheet
304Kb / 9P
   TinyLogic HS 2-Input NAND Gate
May, 2022 ??Rev. 6
NC7S00M5X-L22090 ONSEMI-NC7S00M5X-L22090 Datasheet
304Kb / 9P
   TinyLogic HS 2-Input NAND Gate
May, 2022 ??Rev. 6
More results

Similar Description - NC7S00M5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7S00 ONSEMI-NC7S00 Datasheet
363Kb / 9P
   TinyLogic HS 2-Input NAND Gate
December-2017, Rev. 2
NC7S00 ONSEMI-NC7S00_V01 Datasheet
304Kb / 9P
   TinyLogic HS 2-Input NAND Gate
May, 2022 ??Rev. 6
logo
Fairchild Semiconductor
NC7SP00 FAIRCHILD-NC7SP00 Datasheet
306Kb / 9P
   TinyLogic ULP 2-Input NAND Gate
NC7ST00 FAIRCHILD-NC7ST00_04 Datasheet
153Kb / 8P
   TinyLogic HST 2-Input NAND Gate
logo
ON Semiconductor
NC7ST00 ONSEMI-NC7ST00_V01 Datasheet
300Kb / 8P
   TinyLogic HST 2-Input NAND Gate
April, 2022 ??Rev. 4
NC7ST00 ONSEMI-NC7ST00 Datasheet
258Kb / 10P
   TinyLogic HST 2-Input NAND Gate
Revised August 2004
NC7SP38 ONSEMI-NC7SP38 Datasheet
299Kb / 13P
   TinyLogic ULP 2-Input NAND Gate
Sep 2008 Rev. 1.0.0
logo
Fairchild Semiconductor
NC7SZ00 FAIRCHILD-NC7SZ00_05 Datasheet
133Kb / 9P
   TinyLogic UHS 2-Input NAND Gate
NC7SP00 FAIRCHILD-NC7SP00_04 Datasheet
296Kb / 9P
   TinyLogic ULP 2-Input NAND Gate
NC7SZ00 FAIRCHILD-NC7SZ00 Datasheet
80Kb / 7P
   TinyLogic UHS 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com