Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C040-70TU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT27C040-70TU
Description  4-Megabit (512K x 8) otp eprom
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040-70TU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT27C040-70TU Datasheet HTML 3Page - ATMEL Corporation AT27C040-70TU Datasheet HTML 4Page - ATMEL Corporation AT27C040-70TU Datasheet HTML 5Page - ATMEL Corporation AT27C040-70TU Datasheet HTML 6Page - ATMEL Corporation AT27C040-70TU Datasheet HTML 7Page - ATMEL Corporation AT27C040-70TU Datasheet HTML 8Page - ATMEL Corporation AT27C040-70TU Datasheet HTML 9Page - ATMEL Corporation AT27C040-70TU Datasheet HTML 10Page - ATMEL Corporation AT27C040-70TU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
0189G–EPROM–05/05
AT27C040
14. Programming Waveforms
(1)
Notes:
1. The Input Timing Reference is 0.8V for V
IL and 2.0V for VIH.
2. tOE and tDFP are characteristics of the device but must be accommodated by the programmer.
3. When programming the AT27C040 a 0.1 µF capacitor is required across V
PP and ground to suppress spurious voltage
transients.


Similar Part No. - AT27C040-70TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040-70TC ATMEL-AT27C040-70TC Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27C040-70TI ATMEL-AT27C040-70TI Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27C040-70TI ATMEL-AT27C040-70TI Datasheet
354Kb / 14P
   4-Megabit
More results

Similar Description - AT27C040-70TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com