Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C56B-XHM-T Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT93C56B-XHM-T
Description  Three-wire Serial Electrically Erasable Programmable Read-only Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C56B-XHM-T Datasheet(HTML) 4 Page - ATMEL Corporation

  AT93C56B-XHM-T Datasheet HTML 1Page - ATMEL Corporation AT93C56B-XHM-T Datasheet HTML 2Page - ATMEL Corporation AT93C56B-XHM-T Datasheet HTML 3Page - ATMEL Corporation AT93C56B-XHM-T Datasheet HTML 4Page - ATMEL Corporation AT93C56B-XHM-T Datasheet HTML 5Page - ATMEL Corporation AT93C56B-XHM-T Datasheet HTML 6Page - ATMEL Corporation AT93C56B-XHM-T Datasheet HTML 7Page - ATMEL Corporation AT93C56B-XHM-T Datasheet HTML 8Page - ATMEL Corporation AT93C56B-XHM-T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
8735A–SEEPR–1/11
Atmel AT93C56B/66B
Table 1-3.
AC Characteristics
Notes:
1. This parameter is characterized, and is not 100% tested
Applicable over recommended operating range from T
AI = 40°C to + 85°C, VCC = as specified, CL = 1 TTL gate and 100pF
(unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
f
SK
SK Clock Frequency
4.5V
 V
CC  5.5V
2.5V
 V
CC  5.5V
1.7V
 V
CC  5.5V
0
0
0
2
1
0.25
MHz
t
SKH
SK High Time
2.5V
 V
CC  5.5V
1.7V
 V
CC  5.5V
250
1000
ns
t
SKL
SK Low Time
2.5V
 V
CC  5.5V
1.7V
 V
CC  5.5V
250
1000
ns
t
CS
Minimum CS Low Time
2.5V
 V
CC  5.5V
1.7V
 V
CC  5.5V
250
1000
ns
t
CSS
CS Setup Time
Relative to SK
2.5V
 V
CC  5.5V
1.7V
 V
CC  5.5V
50
200
ns
t
DIS
DI Setup Time
Relative to SK
2.5V
 V
CC  5.5V
1.7V
 V
CC  5.5V
100
400
ns
t
CSH
CS Hold Time
Relative to SK
0
ns
t
DIH
DI Hold Time
Relative to SK
2.5V
 V
CC  5.5V
1.7V
 V
CC  5.5V
100
400
ns
t
PD1
Output Delay to 1
AC Test
2.5V
 V
CC  5.5V
1.7V
 V
CC  5.5V
250
1000
ns
t
PD0
Output Delay to 0
AC Test
2.5V
 V
CC  5.5V
1.7V
 V
CC  5.5V
250
1000
ns
t
SV
CS to Status Valid
AC Test
2.5V
 V
CC  5.5V
1.7V
 V
CC  5.5V
250
1000
ns
t
DF
CS to DO in
High Impedance
AC Test
CS = V
IL
2.5V
 V
CC  5.5V
1.7V
 V
CC  5.5V
150
400
ns
t
WP
Write Cycle Time
1.7V
 V
CC  5.5V
5
ms
Endurance
(1)
5.0V, 25°C
1,000,000
Write
Cycles


Similar Part No. - AT93C56B-XHM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
More results

Similar Description - AT93C56B-XHM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C02C ATMEL-AT24C02C Datasheet
1,008Kb / 23P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C16C-SSHM-B ATMEL-AT24C16C-SSHM-B Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C64D-SSHM-T ATMEL-AT24C64D-SSHM-T Datasheet
1Mb / 26P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C64D-XHM-T ATMEL-AT24C64D-XHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com