Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAVRMC320 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATAVRMC320
Description  8-bit Microcontrollers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAVRMC320 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATAVRMC320 Datasheet HTML 1Page - ATMEL Corporation ATAVRMC320 Datasheet HTML 2Page - ATMEL Corporation ATAVRMC320 Datasheet HTML 3Page - ATMEL Corporation ATAVRMC320 Datasheet HTML 4Page - ATMEL Corporation ATAVRMC320 Datasheet HTML 5Page - ATMEL Corporation ATAVRMC320 Datasheet HTML 6Page - ATMEL Corporation ATAVRMC320 Datasheet HTML 7Page - ATMEL Corporation ATAVRMC320 Datasheet HTML 8Page - ATMEL Corporation ATAVRMC320 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
7803A–AVR–10/08
AVR601
The offering includes one low voltage power board, three processor boards and the associated
firmware. These four boards as shown on figure 2:
• MC300 is the low voltage power board (max 40V).
• MC301 is the processor board with the low cost ATtinyx61
• MC303 is the processor board with the new high performance XMEGA
• MC310 is the processor board with the ATMega32M1 (with CAN interface)
• More processor boards will become available in the future
Figure 1-2.
Motor control Boards offering
The Atmel Motor Control Interface bus (AMCI bus) shown on Figure 1-3, allows the communica-
tion between the power board and the processor board; most motor types are supported by this
interface:
• BLDC and BLAC motors
• AC induction motors
• Switch reluctance motors
• Stepper motors
The AMCI bus uses three 8 bit connectors and one 8/16 bit connector.
The interface supports up to four phases (U, V, W, X), each with half bridge control and both
voltage and current feedback. With three phase motors, the free X channel can be used for a
brake function.
The interface also supports Hall sensors, speed, temperature and fault signals and also allows
the control of the PFC (Power Factor Correction) from the CPU board. All signals are logic sig-
nals or analog signals scaled to reach the digital Vcc.
MC303
MC301
MC310
MC300


Similar Part No. - ATAVRMC320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATAVRMC100 ETC2-ATAVRMC100 Datasheet
134Kb / 2P
   EVALUATE AND DESIGN BRUSHLESS DC MOTORS APPLICATIONS
logo
ATMEL Corporation
ATAVRMC200 ATMEL-ATAVRMC200 Datasheet
147Kb / 2P
   AC Induction Motor Control Evaluation Kit
More results

Similar Description - ATAVRMC320

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com