Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8853AAEU120K Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME8853AAEU120K
Description  High PSRR, Low Noise, 300mA CMOS Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8853AAEU120K Datasheet(HTML) 3 Page - Analog Microelectronics

  AME8853AAEU120K Datasheet HTML 1Page - Analog Microelectronics AME8853AAEU120K Datasheet HTML 2Page - Analog Microelectronics AME8853AAEU120K Datasheet HTML 3Page - Analog Microelectronics AME8853AAEU120K Datasheet HTML 4Page - Analog Microelectronics AME8853AAEU120K Datasheet HTML 5Page - Analog Microelectronics AME8853AAEU120K Datasheet HTML 6Page - Analog Microelectronics AME8853AAEU120K Datasheet HTML 7Page - Analog Microelectronics AME8853AAEU120K Datasheet HTML 8Page - Analog Microelectronics AME8853AAEU120K Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AME
3
AME8853A
Rev.C.01
High PSRR, Low Noise, 300mA
CMOS Regulator
n Pin Description
SC-70-5
SOT-25/TSOT-25A
IN
Input voltage pin; should be decoupled with 1µF or greater capacitor.
GND
Ground connection pin.
EN
Enable pin, Active “high". When pulled “low”, the PMOS pass transistor
turns off, current consuming less than 1µA. When EN pin floating outside, it
is pulled low by internal small current source.
NC
No connection.
OUT
LDO voltage regulator output pin; should be decoupled with a 1µF or greater
value low ESR ceramic capacitor.
Pin Number
5
1
2
3
4
Pin Description
Pin Name
1
IN
Input voltage pin; should be decoupled with 1µF or greater capacitor.
2
GND
Ground connection pin.
3
EN
Enable pin, Active “high". When pulled “low”, the PMOS pass transistor turns
off, current consuming less than 1µA. When EN pin floating outside, it is
pulled low by internal small current source.
4
NC
No connection.
5
OUT
LDO voltage regulator output pin; should be decoupled with a 1.0µF or greater
value low ESR ceramic capacitor.
Pin Name
Pin Description
Pin Number


Similar Part No. - AME8853AAEU120K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853AET080K AME-AME8853AET080K Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AET090K AME-AME8853AET090K Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AET100K AME-AME8853AET100K Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AET110K AME-AME8853AET110K Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AET120K AME-AME8853AET120K Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
More results

Similar Description - AME8853AAEU120K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853 AME-AME8853 Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008 TSC-TS9008_14 Datasheet
328Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX5 TSC-TS9008ACX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008DCX TSC-TS9008DCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008NCX5 TSC-TS9008NCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com