Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8852AIT130K Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8852AIT130K
Description  High PSRR, Low Noise, 150mA CMOS Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8852AIT130K Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8852AIT130K Datasheet HTML 7Page - Analog Microelectronics AME8852AIT130K Datasheet HTML 8Page - Analog Microelectronics AME8852AIT130K Datasheet HTML 9Page - Analog Microelectronics AME8852AIT130K Datasheet HTML 10Page - Analog Microelectronics AME8852AIT130K Datasheet HTML 11Page - Analog Microelectronics AME8852AIT130K Datasheet HTML 12Page - Analog Microelectronics AME8852AIT130K Datasheet HTML 13Page - Analog Microelectronics AME8852AIT130K Datasheet HTML 14Page - Analog Microelectronics AME8852AIT130K Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AME
11
AME8852
Rev. A.02
High PSRR, Low Noise, 150mA
CMOS Regulator
n Characterization Curve (Contd.)
Dropout Voltage
Stability vs. ESR vs. Load Current
PSRR vs. Frequency
0
50
100
150
200
250
300
350
400
-40
-25
-10
+5
+20
+35
+50
+65
+80
+95 +110 +125
VOUT = 4.3V
Temperature(
O C)
0 .00
10 .00
1.00
0.10
0 .01
0.005
50
100
150
200
250
300
Load Current(mA)
0
VIN = 5V
CIN = COUT= 1
µF / X7R
Unstable Range
Stable Range
Unstable Range
1K
10 K
100 K
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
100
1 M
VOUT = 1V
I
OUT = 10mA
Current Limit vs. Input Voltage
Current Limit vs. Input Voltage
100
200
300
400
500
600
2 .5
3 .5
4 .5
5.5
VOUT = 1V
Input Voltage(V)
100
200
300
400
500
600
5.3
5.4
5.5
VOUT = 4.3V
Input Voltage(V)


Similar Part No. - AME8852AIT130K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A-AEU080 AME-AME8852A-AEU080 Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A-AEU080K AME-AME8852A-AEU080K Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A-AEU090 AME-AME8852A-AEU090 Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
More results

Similar Description - AME8852AIT130K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8852 AME-AME8852_16 Datasheet
339Kb / 23P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A_16 Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Power Analog Micoelectr...
PAM3102 PAM-PAM3102 Datasheet
301Kb / 11P
   Dual 150mA High PSRR Low-Dropout CMOS Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
Texas Instruments
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com