Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

755MHBS70K2J Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part # 755MHBS70K2J
Description  Boxed Metallized Polypropylene Film
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

755MHBS70K2J Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

Back Button 755MHBS70K2J Datasheet HTML 2Page - Illinois Capacitor, Inc. 755MHBS70K2J Datasheet HTML 3Page - Illinois Capacitor, Inc. 755MHBS70K2J Datasheet HTML 4Page - Illinois Capacitor, Inc. 755MHBS70K2J Datasheet HTML 5Page - Illinois Capacitor, Inc. 755MHBS70K2J Datasheet HTML 6Page - Illinois Capacitor, Inc. 755MHBS70K2J Datasheet HTML 7Page - Illinois Capacitor, Inc. 755MHBS70K2J Datasheet HTML 8Page - Illinois Capacitor, Inc. 755MHBS70K2J Datasheet HTML 9Page - Illinois Capacitor, Inc. 755MHBS70K2J Datasheet HTML 10Page - Illinois Capacitor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MHBS
2,4,6, lug lead radial box
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(V/μsec)
Maximum RMS Ripple Current
(A) 100 kHz, +70°C
Typical ESR
(mΩ) 100
kHz,+25°C
Dimensions
LxHxT (mm)
S (MM)
d (MM)
P (MM)
# Leads
+5°C
+10°C
+15°C
0.68
1275
684MHBS70K2H
61
4
3
2.5
23
32x20x11
27.5
0.8
2
1
1275
105MHBS70K2H
61
5
4
3
17.8
32x22x13
27.5
1
2
1.2
1100
125MHBS60K2H
50
4.5
3.5
2.5
18
32x20x11
27.5
0.8
2
1.5
1000
155MHBS55K2H
47
4.5
3.5
2.5
17.8
32x20x11
27.5
0.8
2
1.5
1100
155MHBS60K2H
50
5
4
3
15.5
32x22x13
27.5
1
2
1.5
1275
155MHBS70K2H
61
6
4.5
3.5
14
32x24.5x15
27.5
1
2
2
1000
205MHBS55K2H
47
5.5
4
3
14.5
32x22x13
27.5
1
2
2
1100
205MHBS60K2H
50
6
5
3.5
12.9
32x24.5x15
27.5
1
2
2
1275
205MHBS70K2H
61
8
6.5
4.5
11.5
32x33x18
27.5
1.2
2
2.2
800
225MHBS45K2H
36
4.5
4
3
15.3
32x20x11
27.5
0.8
2
2.2
900
225MHBS50K2H
41.5
5
4
3
14.7
32x22x13
27.5
1
2
2.2
1100
225MHBS60K2H
50
6
5
3.5
12.2
32x24.5x15
27.5
1
2
2.2
1275
225MHBS70K2H
61
8.5
6.5
4.5
10.8
32x33x18
27.5
1.2
2
2.2
1275
225MHBS70K2J
41
6.5
5
4
12.5
42.5x25x14
37.5
1.2
2
2.5
700
255MHBS40K2H
31
4.5
4
3
15.8
32x20x11
27.5
0.8
2
2.5
700
255MHBS40K2H
31
4.5
3.5
3
15.8
32x20x11
27.5
0.8
2
2.5
900
255MHBS50K2H
41.5
5.5
4.5
3
13.5
32x22x13
27.5
1
2
2.5
1000
255MHBS55K2H
47
6
5
3.5
12.8
32x24.5x15
27.5
1
2
2.5
1000
255MHBS55K2H
47
6
5
3.5
12.8
32x28x15
27.5
1.2
2
2.5
1100
255MHBS60K2H
50
7
5.5
4
10.8
32x28x14
27.5
1.2
2
2.5
1275
255MHBS70K2H
61
9
7
5
9.7
32x33x18
27.5
1.2
2
3
800
305MHBS45K2H
36
5.5
4.5
3.5
12.4
32x22x13
27.5
1
2
3
900
305MHBS50K2H
41.5
6.5
5
3.5
11.9
32x24.5x15
27.5
1
2
3
1000
305MHBS55K2H
47
7.5
6
4
11
32x28x14
27.5
1.2
2
3
1100
305MHBS60K2J
34
6.5
5
4
11.8
42x25x14
37.5
1.2
2
3
1275
305MHBS70K2J
41
8
6.5
5
10.1
42.5x28x17
37.5
1.2
2
3
1275
305MHBS70K2H
61
9.5
7.5
5.5
8.6
32x33x18
27.5
1.2
2
3
1275 305MHBS70KJ##
41
9.5
7.5
5.5
9.3
42.5x28x17
lugs
3.3
575
335MHBS35K2H
27
4.5
3.5
2.5
15
32x20x11
27.5
0.8
2
3.3
700
335MHBS40K2H
31
5.5
4.5
3.5
13.3
32x22x13
27.5
1
2
3.3
900
335MHBS50K2H
41.5
7
5.5
4
11
32x28x14
27.5
1.2
2
3.3
1100
335MHBS60K2H
50
9
7
5
9.2
32x33x18
27.5
1.2
2
3.3
1275
335MHBS70K2H
61
11
8.5
6.5
8.1
32x37x22
27.5
1.2
2
3.3
1275
335MHBS70K2J
41
9
7.5
5.5
9.6
42.5x30x22
37.5
1.2
2
3.3
1275 335MHBS70KJ##
41
10.5
8.5
6
8.8
42.5x30x22
lugs
3.3
1275
335MHBS70K4H
61
12
9
6.5
7.5
32x37x22
27.5
1.2
10.2
4
4
800
405MHBS45K2H
36
6.5
5.5
4
10.8
32x24.5x15
27.5
1
2
4
1000
405MHBS55K2J
31
7
5.5
4
11
42.5x25x14
37.5
1.2
2
4
1100 405MHBS60KJ##
34
9.5
7.5
5.5
9.1
42.5x28x17
lugs
4
1100
405MHBS60K2H
50
9.5
7.5
5.5
8.1
32x33x18
27.5
1.2
2
4
1100
405MHBS60K2J
34
8.5
6.5
4.5
9.9
42.5x28x17
37.5
1.2
2
4
1100
405MHBS60K4H
50
10.5
8.5
6
7.5
32x33x18
27.5
1.2
5.1
4
4
1275
405MHBS70K2H
61
12
9.5
7
7.1
32x37x22
27.5
1.2
2
4
1275
405MHBS70K2J
41
10
8
6
8.7
42.5x30x22
37.5
1.2
2
4
1275 405MHBS70KJ##
41
11.5
9
6.5
7.9
42.5x30x22
lugs
4
1275
405MHBS70K4H
61
13.5
10.5
7.5
6.5
32x37x22
27.5
1.2
10.2
4
4.7
575
475MHBS35K2H
27
5.5
4.5
3.5
11.6
32x22x13
27.5
1
2
4.7
700
475MHBS40K2H
31
6.5
5.5
4
10.5
32x24.5x15
27.5
1
2
4.7
900
475MHBS50K2J
28
7
5.5
4
10.6
42.5x25x14
27.5
1.2
2
4.7
1000
475MHBS55K2J
31
8.5
6.5
4.5
9.6
42.5x28x17
37.5
1.2
2
4.7
1000
475MHBS55K2H
47
9.5
7.5
5.5
8.3
32x33x18
27.5
1.2
2
4.7
1000
475MHBS55K4H
47
10.5
8.5
6
7.7
32x33x18
27.5
1.2
10.2
4
4.7
1000 475MHBS55KJ##
31
9.5
7.5
5.5
8.7
42.5x28x17
lugs
4.7
1000
475MHBS55K2J
31
8.5
6.5
4.5
9.6
42.5x28x17
37.5
1.2
2
4.7
1100
475MHBS60K2H
50
11.5
9
7
7.4
32x37x22
27.5
1.2
2
4.7
1100
475MHBS60K2J
34
10
7.5
5.5
8.3
42.5x30x22
37.5
1.2
2
4.7
1100 475MHBS60KJ##
34
11.5
8.5
6.5
7.5
42.5x30x22
lugs
4.7
1100
475MHBS60K4H
50
12.5
10
7.5
6.8
32x37x22
27.5
1.2
10.2
4


Similar Part No. - 755MHBS70K2J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
755MHBS70K2J ILLINOISCAPACITOR-755MHBS70K2J Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
755MHBS70K2JA ILLINOISCAPACITOR-755MHBS70K2JA Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
More results

Similar Description - 755MHBS70K2J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473THB305KE ILLINOISCAPACITOR-473THB305KE Datasheet
231Kb / 3P
   Boxed Metallized Polypropylene film capacitors
logo
List of Unclassifed Man...
KNB2520 ETC2-KNB2520 Datasheet
123Kb / 2P
   Polypropylene film, metallized
logo
Surge Components
C31(P) SURGE-C31(P) Datasheet
195Kb / 3P
   Metallized polypropylene film
logo
Illinois Capacitor, Inc...
104FPL102KK2 ILLINOISCAPACITOR-104FPL102KK2 Datasheet
418Kb / 7P
   Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com