Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

397LMX250M2BG Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 397LMX250M2BG
Description  105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

397LMX250M2BG Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  397LMX250M2BG Datasheet HTML 1Page - Illinois Capacitor, Inc. 397LMX250M2BG Datasheet HTML 2Page - Illinois Capacitor, Inc. 397LMX250M2BG Datasheet HTML 3Page - Illinois Capacitor, Inc. 397LMX250M2BG Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LMX
+105°C, 5000 Hour
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
390
400
397LMX400M2EG
0.638
1.88
35x45
390
400
397LMX400M2DG
0.638
1.72
30x45
390
400
397LMX400M2EE
0.638
1.7
35x35
390
450
397LMX450M2EG
0.638
1.87
35x45
470
200
477LMX200M2DD
0.529
1.61
30x30
470
200
477LMX200M2BG
0.529
1.6
22x45
470
200
477LMX200M2CD
0.529
1.45
25x30
470
200
477LMX200M2BF
0.529
1.52
22x40
470
200
477LMX200M2CE
0.529
1.54
25x35
470
200
477LMX200M2DC
0.529
1.5
30x25
470
250
477LMX250M2BH
0.529
1.66
22x50
470
250
477LMX250M2CF
0.529
1.61
25x40
470
250
477LMX250M2CG
0.529
1.7
25x45
470
250
477LMX250M2DD
0.529
1.59
30x30
470
250
477LMX250M2DE
0.529
1.69
30x35
470
250
477LMX250M2EC
0.529
1.63
35x25
470
400
477LMX400M2EH
0.529
2.16
35x50
470
400
477LMX400M2EF
0.529
1.97
35x40
560
200
567LMX200M2CF
0.444
1.78
25x40
560
200
567LMX200M2DD
0.444
1.76
30x30
560
200
567LMX200M2BG
0.444
1.75
22x45
560
200
567LMX200M2BH
0.444
1.83
22x50
560
200
567LMX200M2CE
0.444
1.68
25x35
560
200
567LMX200M2DE
0.444
1.87
30x35
560
250
567LMX250M2CG
0.444
1.85
25x45
560
250
567LMX250M2DE
0.444
1.85
30x35
560
250
567LMX250M2DF
0.444
1.95
30x40
560
250
567LMX250M2ED
0.444
1.91
35x30
560
400
567LMX400M2EG
0.444
2.26
35x45
680
200
687LMX200M2CF
0.366
1.96
25x40
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
680
200
687LMX200M2CH
0.366
2.16
25x50
680
200
687LMX200M2DD
0.366
1.94
30x30
680
200
687LMX200M2DE
0.366
2.06
30x35
680
200
687LMX200M2EC
0.366
1.98
35x25
680
250
687LMX250M2DG
0.366
2.26
30x45
680
250
687LMX250M2ED
0.366
2.1
35x30
680
250
687LMX250M2CH
0.366
1.94
25x50
680
250
687LMX250M2DF
0.366
2.15
30x40
820
200
827LMX200M2CG
0.303
2.27
25x45
820
200
827LMX200M2DE
0.303
2.26
30x35
820
200
827LMX200M2DF
0.303
2.39
30x40
820
200
827LMX200M2ED
0.303
2.33
35x30
820
250
827LMX250M2DG
0.303
2.49
30x45
820
250
827LMX250M2DH
0.303
2.6
30x50
820
250
827LMX250M2EE
0.303
2.45
35x35
1000
200
108LMX200M2EE
0.249
2.74
35x35
1000
200
108LMX200M2DF
0.249
2.64
30x40
1000
200
108LMX200M2DG
0.249
2.78
30x45
1000
250
108LMX250M2DP
0.249
3
30x55
1000
250
108LMX250M2EF
0.249
2.86
35x40
1200
200
128LMX200M2EG
0.207
3.33
35x45
1200
200
128LMX200M2DG
0.207
3.04
30x45
1200
200
128LMX200M2DH
0.207
3.19
30x50
1200
200
128LMX200M2EF
0.207
3.17
35x40
1200
250
128LMX250M2EH
0.207
3.44
35x50
1200
250
128LMX250M2EP
0.207
3.58
35x55
1500
200
158LMX200M2EG
0.166
3.72
35x45
1500
200
158LMX200M2EH
0.166
3.75
35x50
1500
250
158LMX250M2EP
0.166
4
35x55
1800
200
188LMX200M2EH
0.138
4.1
35x50


Similar Part No. - 397LMX250M2BG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
397LMX250M2BG ILLINOISCAPACITOR-397LMX250M2BG Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
397LMX250M2BG ILLINOISCAPACITOR-397LMX250M2BG Datasheet
460Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
397LMX250M2BG ILLINOISCAPACITOR-397LMX250M2BG Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 397LMX250M2BG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC_13 Datasheet
568Kb / 5P
   105C 3000 hour Snap mount Aluminum Electrolytic Capacitors
logo
RFE international
LSK101M2G220350 RFE-LSK101M2G220350 Datasheet
164Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS LSK Series: Snap-In, 105C, 5000 hrs
logo
Illinois Capacitor, Inc...
335TXK450M ILLINOISCAPACITOR-335TXK450M_13 Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com