Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

755MHBS70K2JA Datasheet(PDF) 11 Page - Illinois Capacitor, Inc.

Part # 755MHBS70K2JA
Description  Boxed Metallized Polypropylene Film
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

755MHBS70K2JA Datasheet(HTML) 11 Page - Illinois Capacitor, Inc.

Back Button 755MHBS70K2JA Datasheet HTML 3Page - Illinois Capacitor, Inc. 755MHBS70K2JA Datasheet HTML 4Page - Illinois Capacitor, Inc. 755MHBS70K2JA Datasheet HTML 5Page - Illinois Capacitor, Inc. 755MHBS70K2JA Datasheet HTML 6Page - Illinois Capacitor, Inc. 755MHBS70K2JA Datasheet HTML 7Page - Illinois Capacitor, Inc. 755MHBS70K2JA Datasheet HTML 8Page - Illinois Capacitor, Inc. 755MHBS70K2JA Datasheet HTML 9Page - Illinois Capacitor, Inc. 755MHBS70K2JA Datasheet HTML 10Page - Illinois Capacitor, Inc. 755MHBS70K2JA Datasheet HTML 11Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MHBS
2,4,6, lug lead radial box
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(V/μsec)
Maximum RMS Ripple Current
(A) 100 kHz, +70°C
Typical ESR
(mΩ) 100
kHz,+25°C
Dimensions
LxHxT (mm)
S (MM)
d (MM)
P (MM)
# Leads
+5°C
+10°C
+15°C
55
700
556MHBS40KR##
14.5
25.5
20.5
15
3.1
57.5x50x35
lugs
60
575
606MHBS35KR##
12.5
23
18.5
13.5
3.4
57.5x50x35
lugs
60
575
606MHBS35K2R
12.5
14
14
10.5
4.2
57.5x45x30
52.5
1.2
2
60
575
606MHBS35K4R
12.5
20.5
16.5
12
3.6
57.5x45x30
52.5
1.2
20.3
4
60
700
606MHBS40K4R
14.5
24.5
19.5
14
3.1
57.5x50x35
52.5
1.2
20.3
4
60
700
606MHBS40K2R
14.5
14
14
13
3.7
57.5x50x35
52.5
1.2
2
60
700
606MHBS40KR##
14.5
26.5
21
15.5
2.9
57.5x50x35
lugs
60
800
606MHBS45KR##
16.5
28.5
22.5
16.5
2.8
57.5x57.5x38
lugs
60
800
606MHBS45K4R
16.5
25.5
20.5
15.5
3
57.5x57.5x38
52.5
1.2
20.3
4
60
800
606MHBS45K6R
16.5
26.5
21.5
15.5
2.8
57.5x57.5x38
52.5
1.2
10.2
6
65
800
656MHBS45K6R
16.5
27.5
22
16
2.7
57.5x57.5x38
52.5
1.2
10.2
6
65
800
656MHBS45K4R
16.5
26.5
21
15.5
2.9
57.5x57.5x38
52.5
1.2
20.3
4
75
575
756MHBS35K4R
12.5
23
18.5
13.5
3.3
57.5x50x35
52.5
1.2
20.3
4
75
575
756MHBS35K2R
12.5
14
14
12
3.9
57.5x50x35
52.5
1.2
2
75
575
756MHBS35KR##
12.5
25.5
20.5
15
3.1
57.5x50x35
lugs
75
700
756MHBS40KR##
14.5
28.5
24
17
2.7
57.5x57.5x38
lugs
75
700
756MHBS40K4R
14.5
26
21.5
15.5
2.9
57.5x57.5x38
52.5
1.2
20.3
4
75
700
756MHBS40K6R
14.5
27
22.5
16
2.7
57.5x57.5x38
52.5
1.2
10.2
6
80
700
806MHBS40K6R
14.5
27.5
22
16.5
2.6
57.5x57.5x38
52.5
1.2
10.2
6
80
700
806MHBS40K4R
14.5
26.5
22
15.5
2.8
57.5x57.5x38
52.5
1.2
20.3
4
90
575
906MHBS35K4R
12.5
25
21
14.5
3.1
57.5x57.5x38
52.5
1.2
20.3
4
90
575
906MHBS35K6R
12.5
26
23
16
2.9
57.5x57.5x38
52.5
1.2
10.2
6
100
575
107MHBS35K6R
12.5
27
22
15.5
2.8
57.5x57.5x38
52.5
1.2
10.2
6
100
575
107MHBS35K4R
12.5
26
21.5
15
3
57.5x57.5x38
52.5
1.2
20.3
4


Similar Part No. - 755MHBS70K2JA

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
755MHBS70K2JA ILLINOISCAPACITOR-755MHBS70K2JA Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
More results

Similar Description - 755MHBS70K2JA

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473THB305KE ILLINOISCAPACITOR-473THB305KE Datasheet
231Kb / 3P
   Boxed Metallized Polypropylene film capacitors
logo
List of Unclassifed Man...
KNB2520 ETC2-KNB2520 Datasheet
123Kb / 2P
   Polypropylene film, metallized
logo
Surge Components
C31(P) SURGE-C31(P) Datasheet
195Kb / 3P
   Metallized polypropylene film
logo
Illinois Capacitor, Inc...
104FPL102KK2 ILLINOISCAPACITOR-104FPL102KK2 Datasheet
418Kb / 7P
   Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com