Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3356-A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC3356-A
Description  NPN Silicon RF Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3356-A Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC3356-A Datasheet HTML 1Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 2Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 3Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 4Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 5Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 6Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 7Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 8Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SC3356
R09DS0021EJ0300 Rev.3.00
Page 3 of 7
Jun 28, 2011
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
200
50
100
10
20
15
10
0.5
50
VCE = 10 V
250
200
150
100
50
0
25
50
75
100
125
150
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Free air
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
2
1
0.5
0.3
0.5
0.2
1
2
5
10
30
20
f = 1 MHz
VCE = 10 V
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
10
2
5
0.2
0.5
1
0.1
1
5
10
50
0.1
0.5
100
VCE = 10 V
f = 1 GHz
Collector Current IC (mA)
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
15
10
0
5
0.5
1
10
50
570
VCE = 10 V
IC = 20 mA
Frequency f (GHz)
INSERTION POWER GAIN, MAG
vs. FREQUENCY
25
15
20
5
10
0
0.05
0.1
0.5
1
0.2
2
MAG
|S21e|
2
Remark The graphs indicate nominal characteristics.


Similar Part No. - 2SC3356-A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3356-3 KEXIN-2SC3356-3 Datasheet
1Mb / 3P
   NPN Transistors
logo
Comchip Technology
2SC3356-G COMCHIP-2SC3356-G Datasheet
134Kb / 4P
   General Purpose Transistor
logo
Guangdong Kexin Industr...
2SC3356-HF KEXIN-2SC3356-HF Datasheet
1Mb / 3P
   NPN Transistors
2SC3356-HF-3 KEXIN-2SC3356-HF-3 Datasheet
1Mb / 3P
   NPN Transistors
2SC3356-R23 KEXIN-2SC3356-R23 Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SC3356-A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com