Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7S04M5X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7S04M5X
Description  TinyLogic HS Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7S04M5X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7S04M5X Datasheet HTML 1Page - Fairchild Semiconductor NC7S04M5X Datasheet HTML 2Page - Fairchild Semiconductor NC7S04M5X Datasheet HTML 3Page - Fairchild Semiconductor NC7S04M5X Datasheet HTML 4Page - Fairchild Semiconductor NC7S04M5X Datasheet HTML 5Page - Fairchild Semiconductor NC7S04M5X Datasheet HTML 6Page - Fairchild Semiconductor NC7S04M5X Datasheet HTML 7Page - Fairchild Semiconductor NC7S04M5X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2004 Fairchild Semiconductor Corporation
DS012139
www.fairchildsemi.com
June 1996
Revised August 2004
NC7S04
TinyLogic
 HS Inverter
General Description
The NC7S04 is a single high performance CMOS Inverter.
Advanced Silicon Gate CMOS fabrication assures high
speed and low power circuit operation over a broad VCC
range. ESD protection diodes inherently guard both input
and output with respect to the VCC and GND rails. Three
stages of gain between input and output assures high
noise immunity and reduced sensitivity to input edge rate.
Features
s Space saving SOT23 or SC70 5-lead package
s Ultra small MicroPak
 leadless package
s High Speed: tPD = 3 ns typ
s Low Quiescent Power: ICC < 1 µA
s Balanced Output Drive: 2 mA IOL, −2 mA IOH
s Broad VCC Operating Range: 2V – 6V
s Balanced Propagation Delays
s Specified for 3V operation
Ordering Code:
Logic Symbol
IEEE/IEC
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
Connection Diagrams
Pin Assignments for SC70 and SOT23
(Top View)
Pad Assignments for MicroPak
(Top Thru View)
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package
Product Code
Package Description
Supplied As
Number
Top Mark
NC7S04M5X
MA05B
7S04
5-Lead SOT23, JEDEC MO-178, 1.6mm
3k Units on Tape and Reel
NC7S04P5X
MAA05A
S04
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
3k Units on Tape and Reel
NC7S04L6X
MAC06A
AA
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel
Pin Names
Description
A
Input
Y
Output
NC
No Connect
Y
= A
Input
Output
AY
LH
HL


Similar Part No. - NC7S04M5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7S04M5X ONSEMI-NC7S04M5X Datasheet
261Kb / 10P
   TinyLogic HS Inverter
Revised August 2004
NC7S04M5X ONSEMI-NC7S04M5X Datasheet
302Kb / 9P
   TinyLogic HS Inverter
May, 2022 ??Rev. 4
NC7S04M5X-L22090 ONSEMI-NC7S04M5X-L22090 Datasheet
302Kb / 9P
   TinyLogic HS Inverter
May, 2022 ??Rev. 4
More results

Similar Description - NC7S04M5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7S04 ONSEMI-NC7S04_V01 Datasheet
302Kb / 9P
   TinyLogic HS Inverter
May, 2022 ??Rev. 4
NC7S04 ONSEMI-NC7S04 Datasheet
261Kb / 10P
   TinyLogic HS Inverter
Revised August 2004
logo
Fairchild Semiconductor
NC7SU04 FAIRCHILD-NC7SU04 Datasheet
78Kb / 7P
   TinyLogic HS Unbuffered Inverter
logo
ON Semiconductor
NC7SU04 ONSEMI-NC7SU04_V01 Datasheet
298Kb / 8P
   TinyLogic HS Unbuffered Inverter
April, 2022 ??Rev. 3
logo
Fairchild Semiconductor
NC7SU04 FAIRCHILD-NC7SU04_04 Datasheet
153Kb / 8P
   TinyLogic HS Unbuffered Inverter
logo
ON Semiconductor
NC7SU04 ONSEMI-NC7SU04 Datasheet
258Kb / 10P
   TinyLogic HS Unbuffered Inverter
Revised August 2004
NC7ST04 ONSEMI-NC7ST04 Datasheet
256Kb / 10P
   TinyLogic HST Inverter
Revised August 2004
NC7SZ04 ONSEMI-NC7SZ04 Datasheet
499Kb / 11P
   TinyLogic UHS Inverter
October-2017, Rev . 2
NC7ST04 ONSEMI-NC7ST04_V01 Datasheet
218Kb / 6P
   TinyLogic HST Inverter
April, 2022 ??Rev. 3
logo
Fairchild Semiconductor
NC7SP04 FAIRCHILD-NC7SP04 Datasheet
306Kb / 9P
   TinyLogic ULP Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com