Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY88-AU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATTINY88-AU
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
Download  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY88-AU Datasheet(HTML) 3 Page - ATMEL Corporation

  ATTINY88-AU Datasheet HTML 1Page - ATMEL Corporation ATTINY88-AU Datasheet HTML 2Page - ATMEL Corporation ATTINY88-AU Datasheet HTML 3Page - ATMEL Corporation ATTINY88-AU Datasheet HTML 4Page - ATMEL Corporation ATTINY88-AU Datasheet HTML 5Page - ATMEL Corporation ATTINY88-AU Datasheet HTML 6Page - ATMEL Corporation ATTINY88-AU Datasheet HTML 7Page - ATMEL Corporation ATTINY88-AU Datasheet HTML 8Page - ATMEL Corporation ATTINY88-AU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 302 page
background image
3
8008H–AVR–04/11
ATtiny48/88
1.1
Pin Descriptions
1.1.1
VCC
Digital supply voltage.
1.1.2
AVCC
AV
CC is the supply voltage pin for the A/D converter and a selection of I/O pins. This pin should
be externally connected to V
CC even if the ADC is not used. If the ADC is used, it is recom-
mended this pin is connected to V
CC through a low-pass filter, as described in “Analog Noise
Canceling Techniques” on page 172.
The following pins receive their supply voltage from AV
CC: PC7, PC[5:0] and (in 32-lead pack-
ages) PA[1:0]. All other I/O pins take their supply voltage from V
CC.
1.1.3
GND
Ground.
1.1.4
Port A (PA3:0)
Port A is a 4-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
PA[3:0] output buffers have symmetrical drive characteristics with both sink and source capabil-
ity. As inputs, Port A pins that are externally pulled low will source current if the pull-up resistors
are activated. The Port A pins are tri-stated when a reset condition becomes active, even if the
clock is not running.
This port is available in 32-lead TQFP, 32-pad QFN and 32-ball UFBGA packages, only.
1.1.5
Port B (PB7:0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port B output buffers have symmetrical drive characteristics with both sink and source capability.
As inputs, Port B pins that are externally pulled low will source current if the pull-up resistors are
activated. The Port B pins are tri-stated when a reset condition becomes active, even if the clock
is not running.
Depending on the clock selection fuse settings, PB6 can be used as input to the internal clock
operating circuit.
The various special features of Port B are elaborated in “Alternate Functions of Port B” on page
69.
1.1.6
Port C (PC7, PC5:0)
Port C is a 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
PC7 and PC[5:0] output buffers have symmetrical drive characteristics with both sink and source
capability. As inputs, Port C pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port C pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
1.1.7
PC6/RESET
If the RSTDISBL Fuse is programmed, PC6 is used as an I/O pin. Note that the electrical char-
acteristics of PC6 differ from those of the other pins of Port C.
If the RSTDISBL Fuse is unprogrammed, PC6 is used as a reset input. A low level on this pin for
longer than the minimum pulse width will generate a reset, even if the clock is not running. The


Similar Part No. - ATTINY88-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY88-MMU ATMEL-ATTINY88-MMU Datasheet
937Kb / 26P
   Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY88-MU ATMEL-ATTINY88-MU Datasheet
728Kb / 23P
   Microcontroller with 4/8K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY88-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY48 ATMEL-ATTINY48_10 Datasheet
937Kb / 26P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_1 Datasheet
6Mb / 266P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48 Datasheet
698Kb / 22P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_09 Datasheet
728Kb / 23P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com