Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA8L-8MN Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATMEGA8L-8MN
Description  8-bit Atmel with 8KBytes In-System PRogrammable Flash
Download  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8L-8MN Datasheet(HTML) 3 Page - ATMEL Corporation

  ATMEGA8L-8MN Datasheet HTML 1Page - ATMEL Corporation ATMEGA8L-8MN Datasheet HTML 2Page - ATMEL Corporation ATMEGA8L-8MN Datasheet HTML 3Page - ATMEL Corporation ATMEGA8L-8MN Datasheet HTML 4Page - ATMEL Corporation ATMEGA8L-8MN Datasheet HTML 5Page - ATMEL Corporation ATMEGA8L-8MN Datasheet HTML 6Page - ATMEL Corporation ATMEGA8L-8MN Datasheet HTML 7Page - ATMEL Corporation ATMEGA8L-8MN Datasheet HTML 8Page - ATMEL Corporation ATMEGA8L-8MN Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 331 page
background image
3
2486AA–AVR–02/2013
ATmega8(L)
Overview
The Atmel®AVR® ATmega8 is a low-power CMOS 8-bit microcontroller based on the AVR RISC
architecture. By executing powerful instructions in a single clock cycle, the ATmega8 achieves
throughputs approaching 1MIPS per MHz, allowing the system designer to optimize power con-
sumption versus processing speed.
Block Diagram
Figure 1. Block Diagram
INTERNAL
OSCILLATOR
OSCILLATOR
WATCHDOG
TIMER
MCU CTRL.
& TIMING
OSCILLATOR
TIMERS/
COUNTERS
INTERRUPT
UNIT
STACK
POINTER
EEPROM
SRAM
STATUS
REGISTER
USART
PROGRAM
COUNTER
PROGRAM
FLASH
INSTRUCTION
REGISTER
INSTRUCTION
DECODER
PROGRAMMING
LOGIC
SPI
ADC
INTERFACE
COMP.
INTERFACE
PORTC DRIVERS/BUFFERS
PORTC DIGITAL INTERFACE
GENERAL
PURPOSE
REGISTERS
X
Y
Z
ALU
+
-
PORTB DRIVERS/BUFFERS
PORTB DIGITAL INTERFACE
PORTD DIGITAL INTERFACE
PORTD DRIVERS/BUFFERS
XTAL1
XTAL2
CONTROL
LINES
VCC
GND
MUX &
ADC
AGND
AREF
PC0 - PC6
PB0 - PB7
PD0 - PD7
AVR CPU
TWI
RESET


Similar Part No. - ATMEGA8L-8MN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8L-8MC ATMEL-ATMEGA8L-8MC Datasheet
5Mb / 303P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8L-8MC ATMEL-ATMEGA8L-8MC Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8L-8MC ATMEL-ATMEGA8L-8MC Datasheet
263Kb / 23P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8L-8MI ATMEL-ATMEGA8L-8MI Datasheet
5Mb / 303P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8L-8MI ATMEL-ATMEGA8L-8MI Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8L-8MN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY25 ATMEL-ATTINY25_10 Datasheet
758Kb / 30P
   8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
ATMEGA128-16AN ATMEL-ATMEGA128-16AN Datasheet
481Kb / 24P
   8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_14 Datasheet
9Mb / 395P
   8-bit Atmel Microcontroller with 64KB In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_14 Datasheet
7Mb / 320P
   8-bit Atmel Microcontroller with 8KB In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216_14 Datasheet
4Mb / 344P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216-16SUR ATMEL-AT90PWM216-16SUR Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM316 ATMEL-AT90PWM316_14 Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10PU ATMEL-ATMEGA88PV-10PU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com