Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE3516S02-T1C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NE3516S02-T1C
Description  N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE3516S02-T1C Datasheet(HTML) 2 Page - Renesas Technology Corp

  NE3516S02-T1C Datasheet HTML 1Page - Renesas Technology Corp NE3516S02-T1C Datasheet HTML 2Page - Renesas Technology Corp NE3516S02-T1C Datasheet HTML 3Page - Renesas Technology Corp NE3516S02-T1C Datasheet HTML 4Page - Renesas Technology Corp NE3516S02-T1C Datasheet HTML 5Page - Renesas Technology Corp NE3516S02-T1C Datasheet HTML 6Page - Renesas Technology Corp NE3516S02-T1C Datasheet HTML 7Page - Renesas Technology Corp NE3516S02-T1C Datasheet HTML 8Page - Renesas Technology Corp NE3516S02-T1C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NE3516S02
R09DS0038EJ0100 Rev.1.00
Page 2 of 8
Apr 18, 2012
ELECTRICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Gate to Source Leak Current
IGSO
VGS =
−3.0 V
0.5
10
μA
Saturated Drain Current
IDSS
VDS = 2 V, VGS = 0 V
15
30
60
mA
Gate to Source Cut-off Voltage
VGS(off)
VDS = 2V, ID = 100
μA
−0.2
−0.5
−1.3
V
Transconductance
gm
VDS = 2 V, ID = 10 mA
55
65
mS
Noise Figure
NF
0.35
0.50
dB
Associated Gain
Ga
VDS = 2 V, ID = 10 mA, f = 12 GHz
13
14
dB
STANDARD CHARACTERISTICS FOR REFERENCE
(TA = +25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Reference Value
Unit
Noise Figure
NF
0.35
dB
Associated Gain
Ga
VDS = 2 V, ID = 6 mA, f = 12 GHz
13.5
dB


Similar Part No. - NE3516S02-T1C

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3516S02-T1C CEL-NE3516S02-T1C Datasheet
333Kb / 9P
   N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
logo
Renesas Technology Corp
NE3516S02-T1C RENESAS-NE3516S02-T1C Datasheet
152Kb / 10P
   N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
logo
California Eastern Labs
NE3516S02-T1C-A CEL-NE3516S02-T1C-A Datasheet
333Kb / 9P
   N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
More results

Similar Description - NE3516S02-T1C

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3516S02 CEL-NE3516S02 Datasheet
333Kb / 9P
   N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
NE3513M04 CEL-NE3513M04 Datasheet
1Mb / 9P
   N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
logo
Renesas Technology Corp
NE3513M04 RENESAS-NE3513M04 Datasheet
228Kb / 10P
   N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
NE3516S02 RENESAS-NE3516S02_15 Datasheet
152Kb / 10P
   N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
NE3513M04 RENESAS-NE3513M04_15 Datasheet
239Kb / 10P
   N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
NE3521M04 RENESAS-NE3521M04_15 Datasheet
414Kb / 10P
   N-Channel GaAs HJ-FET, K Band Low Noise and High-Gain
logo
California Eastern Labs
NE3521M04 CEL-NE3521M04 Datasheet
653Kb / 9P
   N-Channel GaAs HJ-FET, K Band Low Noise and High-Gain
logo
Renesas Technology Corp
NE3520S03-A RENESAS-NE3520S03-A Datasheet
505Kb / 10P
   N-Channel GaAs HJ-FET, K Band Low Noise and High-Gain
NE3521M04 RENESAS-NE3521M04 Datasheet
414Kb / 10P
   N-Channel GaAs HJ-FET, K Band Low Noise and High-Gain
logo
California Eastern Labs
NE3520S03 CEL-NE3520S03 Datasheet
505Kb / 10P
   N-Channel GaAs HJ-FET, K Band Low Noise and High-Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com