Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5509 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC5509
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5509 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC5509 Datasheet HTML 1Page - Renesas Technology Corp 2SC5509 Datasheet HTML 2Page - Renesas Technology Corp 2SC5509 Datasheet HTML 3Page - Renesas Technology Corp 2SC5509 Datasheet HTML 4Page - Renesas Technology Corp 2SC5509 Datasheet HTML 5Page - Renesas Technology Corp 2SC5509 Datasheet HTML 6Page - Renesas Technology Corp 2SC5509 Datasheet HTML 7Page - Renesas Technology Corp 2SC5509 Datasheet HTML 8Page - Renesas Technology Corp 2SC5509 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SC5509
Chapter Title
R09DS0056EJ0300 Rev.3.00
Page 2 of 8
Mar 5, 2013
ELECTRICAL CHARACTERISTICS (TA = +25 °C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0
600
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
600
nA
DC Current Gain
hFE
Note 1
VCE = 2 V, IC = 10 mA
50
70
100
RF Characteristics
Gain Bandwidth Product
fT
VCE = 3 V, IC = 90 mA, f = 2 GHz
13
15
GHz
Insertion Power Gain
|S21e|
2
VCE = 2 V, IC = 50 mA, f = 2 GHz
8
11
dB
Noise Figure
NF
VCE = 2 V, IC = 10 mA, f = 2 GHz,
ZS = Zopt
1.2
1.7
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 2 V, IE = 0, f = 1 MHz
0.5
0.75
pF
Maximum Available Power Gain
MAG
Note 3
VCE = 2 V, IC = 50 mA, f = 2 GHz
14
dB
Maximum Stable Power Gain
MSG
Note 4
VCE = 2 V, IC = 50 mA, f = 2 GHz
15
dB
Gain 1 dB Compression Output
Power
PO (1 dB)
VCE = 2 V, IC = 70 mA
Note 5, f = 2 GHz
17
dBm
3rd Order Intermodulation
Distortion Output Intercept Point
OIP3
VCE = 2 V, IC = 70 mA
Note 5, f = 2 GHz
27
dBm
Notes 1. Pulse measurement: PW
≤ 350
μs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
3. MAG =
4. MSG =
5. Collector current when PO (1 dB) is output
hFE CLASSIFICATION
Rank
FB/YFB
Marking
T80
hFE Value
50 to 100
(K –
√ (K
2 – 1) )
S21
S12
S21
S12


Similar Part No. - 2SC5509

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5509 NEC-2SC5509 Datasheet
82Kb / 15P
   NPN SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC5509 CEL-2SC5509 Datasheet
1Mb / 10P
   NPN SILICON RF TRANSISTOR
logo
NEC
2SC5509-T2 NEC-2SC5509-T2 Datasheet
82Kb / 15P
   NPN SILICON RF TRANSISTOR
More results

Similar Description - 2SC5509

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
logo
California Eastern Labs
2SC5754 CEL-2SC5754 Datasheet
1Mb / 12P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
logo
Siemens Semiconductor G...
BFP450 SIEMENS-BFP450 Datasheet
49Kb / 8P
   NPN Silicon RF Transistor (For medium power amplifiers)
logo
Advanced Semiconductor
ALN68135 ASI-ALN68135 Datasheet
21Kb / 1P
   NPN SILICON LOW NOISE RF TRANSISTOR
ALN64535 ASI-ALN64535 Datasheet
21Kb / 1P
   NPN SILICON LOW NOISE RF TRANSISTOR
NE64535 ASI-NE64535 Datasheet
18Kb / 2P
   NPN SILICON LOW NOISE RF TRANSISTOR
logo
Siemens Semiconductor G...
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
logo
Renesas Technology Corp
2SC5800 RENESAS-2SC5800 Datasheet
109Kb / 24P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE
July 2001
logo
Siemens Semiconductor G...
2N6620 SIEMENS-2N6620 Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW NOISE RF BROADBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com