Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7S04L6X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7S04L6X
Description  TinyLogic HS Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7S04L6X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7S04L6X Datasheet HTML 1Page - Fairchild Semiconductor NC7S04L6X Datasheet HTML 2Page - Fairchild Semiconductor NC7S04L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7S04L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7S04L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7S04L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7S04L6X Datasheet HTML 7Page - Fairchild Semiconductor NC7S04L6X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Tape and Reel Specification (Continued)
TAPE FORMAT FOR MicroPak
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
L6X
Leader (Start End)
125 (typ)
Empty
Sealed
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - NC7S04L6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7S04L6X ONSEMI-NC7S04L6X Datasheet
261Kb / 10P
   TinyLogic HS Inverter
Revised August 2004
NC7S04L6X ONSEMI-NC7S04L6X Datasheet
302Kb / 9P
   TinyLogic HS Inverter
May, 2022 ??Rev. 4
NC7S04L6X-L22175 ONSEMI-NC7S04L6X-L22175 Datasheet
302Kb / 9P
   TinyLogic HS Inverter
May, 2022 ??Rev. 4
More results

Similar Description - NC7S04L6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7S04 ONSEMI-NC7S04_V01 Datasheet
302Kb / 9P
   TinyLogic HS Inverter
May, 2022 ??Rev. 4
NC7S04 ONSEMI-NC7S04 Datasheet
261Kb / 10P
   TinyLogic HS Inverter
Revised August 2004
logo
Fairchild Semiconductor
NC7SU04 FAIRCHILD-NC7SU04 Datasheet
78Kb / 7P
   TinyLogic HS Unbuffered Inverter
logo
ON Semiconductor
NC7SU04 ONSEMI-NC7SU04_V01 Datasheet
298Kb / 8P
   TinyLogic HS Unbuffered Inverter
April, 2022 ??Rev. 3
logo
Fairchild Semiconductor
NC7SU04 FAIRCHILD-NC7SU04_04 Datasheet
153Kb / 8P
   TinyLogic HS Unbuffered Inverter
logo
ON Semiconductor
NC7SU04 ONSEMI-NC7SU04 Datasheet
258Kb / 10P
   TinyLogic HS Unbuffered Inverter
Revised August 2004
NC7ST04 ONSEMI-NC7ST04 Datasheet
256Kb / 10P
   TinyLogic HST Inverter
Revised August 2004
NC7SZ04 ONSEMI-NC7SZ04 Datasheet
499Kb / 11P
   TinyLogic UHS Inverter
October-2017, Rev . 2
NC7ST04 ONSEMI-NC7ST04_V01 Datasheet
218Kb / 6P
   TinyLogic HST Inverter
April, 2022 ??Rev. 3
logo
Fairchild Semiconductor
NC7SP04 FAIRCHILD-NC7SP04 Datasheet
306Kb / 9P
   TinyLogic ULP Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com