Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5508-T2B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5508-T2B
Description  NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5508-T2B Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5508-T2B Datasheet HTML 1Page - Renesas Technology Corp 2SC5508-T2B Datasheet HTML 2Page - Renesas Technology Corp 2SC5508-T2B Datasheet HTML 3Page - Renesas Technology Corp 2SC5508-T2B Datasheet HTML 4Page - Renesas Technology Corp 2SC5508-T2B Datasheet HTML 5Page - Renesas Technology Corp 2SC5508-T2B Datasheet HTML 6Page - Renesas Technology Corp 2SC5508-T2B Datasheet HTML 7Page - Renesas Technology Corp 2SC5508-T2B Datasheet HTML 8Page - Renesas Technology Corp 2SC5508-T2B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SC5508
Chapter Title
R09DS0055EJ0200 Rev.2.00
Page 4 of 8
Mar 5, 2013
Gain Characteristics
Collector Current IC (mA)
Collector Current IC (mA)
40
35
30
25
20
15
10
5
0
Frequency f (GHz)
0.1
1.0
10.0
MAG
MSG
|S21e|2
VCE = 2 V
IC = 20 mA
30
25
20
15
10
5
0
1
10
100
MSG
|S21e|2
f = 1 GHz
VCE = 2 V
30
25
20
15
10
5
0
1
10
100
MSG
|S21e|2
MAG
f = 2 GHz
VCE = 2 V
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
INSERTION POWER GAIN, MSG
vs. COLLECTOR CURRENT
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
Output Characteristics
Input Power Pin (dBm)
125
100
75
50
25
0
Input Power Pin (dBm)
20
15
10
5
0
–5
–20
–15
–10
–5
0
5
Pout
IC
f = 2 GHz
VCE = 2 V
20
15
10
5
0
–5
125
100
75
50
25
0
–20
–15
–10
–5
0
5
Pout
IC
f = 1 GHz
VCE = 2 V
OUTPUT POWER, COLLECTOR
CURRENT vs. INPUT POWER
OUTPUT POWER, COLLECTOR
CURRENT vs. INPUT POWER
Remark The graphs indicate nominal characteristics.


Similar Part No. - 2SC5508-T2B

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5508-T2 NEC-2SC5508-T2 Datasheet
106Kb / 16P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
More results

Similar Description - 2SC5508-T2B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5606 RENESAS-2SC5606 Datasheet
201Kb / 9P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
NESG2031M05 RENESAS-NESG2031M05 Datasheet
158Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
2SC5761 RENESAS-2SC5761 Datasheet
305Kb / 16P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
May 2003
NESG2021M05 RENESAS-NESG2021M05 Datasheet
159Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
logo
California Eastern Labs
NESG2046M33 CEL-NESG2046M33 Datasheet
292Kb / 4P
   NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH -GAIN AMPLIFICATION
NESG204619 CEL-NESG204619 Datasheet
320Kb / 4P
   NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
NE68719 CEL-NE68719 Datasheet
189Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR LOW-NOISE MICROWAVE AMPLIFICATION FOR LOW-NOISE MICROWAVE AMPLIFICATION
logo
Renesas Technology Corp
2SC3355 RENESAS-2SC3355 Datasheet
248Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC4093 RENESAS-2SC4093 Datasheet
175Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
California Eastern Labs
NE85634 CEL-NE85634 Datasheet
216Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com