Electronic Components Datasheet Search |
|
NE3521M04-T2B Datasheet(PDF) 7 Page - Renesas Technology Corp |
|
NE3521M04-T2B Datasheet(HTML) 7 Page - Renesas Technology Corp |
7 / 10 page NE3521M04 R09DS0058EJ0100 Rev.1.00 Page 7 of 8 Mar 19, 2013 RECOMMENDED SOLDERING CONDITIONS This product should be soldered and mounted under the following recommended conditions. For soldering methods and conditions other than those recommended below, contact your nearby sales office. Soldering Method Soldering Conditions Condition Symbol Infrared Reflow Peak temperature (package surface temperature) : 260 °C or below Time at peak temperature : 10 seconds or less Time at temperature of 220 °C or higher : 60 seconds or less Preheating time at 120 to 180 °C : 120 ±30 seconds Maximum number of reflow processes : 3 times Maximum chlorine content of rosin flux (% mass) : 0.2% (Wt.) or below IR260 Partial Heating Peak temperature (package surface temperature) : 350 °C or below Soldering time (per side of device) : 3 seconds or less Maximum chlorine content of rosin flux (% mass) : 0.2% (Wt.) or below HS350 CAUTION Do not use different soldering methods together (except for partial heating). |
Similar Part No. - NE3521M04-T2B |
|
Similar Description - NE3521M04-T2B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |