Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5550779A-T1-A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NE5550779A-T1-A
Description  Silicon Power LDMOS FET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE5550779A-T1-A Datasheet(HTML) 3 Page - Renesas Technology Corp

  NE5550779A-T1-A Datasheet HTML 1Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 2Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 3Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 4Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 5Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 6Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 7Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 8Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NE5550779A
R09DS0040EJ0300 Rev.3.00
Page 3 of 15
Mar 12, 2013
TEST CIRCUIT SCHEMATIC FOR 460 MHz
C20
C10
IN
OUT
C22
C11
C12
C13
C21
C1
VDS
C1
L1
R1
VGS
NE5550779A
50
Ω
50
Ω
L3
L2
COMPONENTS OF TEST CIRCUIT FOR MEASURING ELECTRICAL CHARACTERISTICS
Symbol
Value
Type
Maker
C1
1
μF
GRM188B31C105KA92
Murata
C10
27 pF
GRM1882C1H270JA01
Murata
C11
2.7 pF
ATC100A2R7JW
American Technical
Ceramics
C12
12 pF
ATC100A120BW
American Technical
Ceramics
C13
12 pF
ATC100A120BW
American Technical
Ceramics
C20
24 pF
ATC100A240JW
American Technical
Ceramics
C21
6.8 pF
ATC100A6R8BW
American Technical
Ceramics
C22
100 pF
ATC100A101JW
American Technical
Ceramics
R1
2 k
Ω
1/10 W Chip Resistor
KOA
RK73B1JTTD202J
L1
114 nH
φ 0.5 mm, φ D = 3 mm, 10 Turns
Ohesangyou
L2
4.7 nH
LQW18AN4R7NG00
Murata
L3
3.0 nH
LQP15MN3N0B02
Murata
PCB
R1766, t = 0.4 mm,
εr = 4.5, size = 30 × 48 mm
Panasonic
SMA Connecter
WAKA 01K0790-20
WAKA
<R>


Similar Part No. - NE5550779A-T1-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE5550779A-T1-A CEL-NE5550779A-T1-A Datasheet
3Mb / 16P
   Silicon Power LDMOS FET
More results

Similar Description - NE5550779A-T1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5550979A RENESAS-NE5550979A_13 Datasheet
790Kb / 13P
   Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550279A CEL-NE5550279A Datasheet
772Kb / 8P
   Silicon Power LDMOS FET
NE5550979A CEL-NE5550979A Datasheet
1Mb / 12P
   Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550979A RENESAS-NE5550979A_15 Datasheet
784Kb / 13P
   Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550779A CEL-NE5550779A Datasheet
3Mb / 16P
   Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550279A RENESAS-NE5550279A Datasheet
470Kb / 9P
   Silicon Power LDMOS FET
NE5550979A RENESAS-NE5550979A Datasheet
438Kb / 10P
   Silicon Power LDMOS FET
logo
Motorola, Inc
MRF9745T1 MOTOROLA-MRF9745T1 Datasheet
60Kb / 4P
   HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
MAPLST1617-030CF MA-COM-MAPLST1617-030CF_15 Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com