Electronic Components Datasheet Search |
|
AME8855AGT100 Datasheet(PDF) 6 Page - Analog Microelectronics |
|
AME8855AGT100 Datasheet(HTML) 6 Page - Analog Microelectronics |
6 / 34 page AME 6 High PSRR, Low Noise, 600mA CMOS Regulator AME8855 Rev. C.02 n Pin Configuration SOT-25 SOT-23 A B 1 3 IN Input voltage pin; should be decoupled with 1µF or greater capacitor. 2 1 GND Ground connection pin. 3 2 OUT LDO voltage regulator output pin; should be decoupled with a 1.0µF or greater value low ESR ceramic capacitor. Pin Description Pin Name Pin Number Pin Name Pin Description IN Input voltage pin; should be decoupled with 1µF or greater capacitor. GND Ground connection pin. EN Enable pin, Active “high". When pulled “low”, the PMOS pass transistor turns off, current consuming less than 1µA. When EN pin floating outside, it’s weakly pulled high from internal MOS . NC No connection. OUT LDO voltage regulator output pin; should be decoupled with a 1.0µF or greater value low ESR ceramic capacitor. 5 3 Pin Number 1 2 4 |
Similar Part No. - AME8855AGT100 |
|
Similar Description - AME8855AGT100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |