Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SB3257 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SB3257
Description  TinyLogic. UHS Single 2-to-1 Multiplexer/Demultiplexer Bus Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SB3257 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SB3257 Datasheet HTML 1Page - Fairchild Semiconductor NC7SB3257 Datasheet HTML 2Page - Fairchild Semiconductor NC7SB3257 Datasheet HTML 3Page - Fairchild Semiconductor NC7SB3257 Datasheet HTML 4Page - Fairchild Semiconductor NC7SB3257 Datasheet HTML 5Page - Fairchild Semiconductor NC7SB3257 Datasheet HTML 6Page - Fairchild Semiconductor NC7SB3257 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Loading and Waveforms
Note: Input Driven by 50
Ω source terminated in 50Ω
Note: CL includes load and stray capacitance
Note: Input PRR
= 1.0 MHz; t
W = 500 ns
FIGURE 1. AC Test Circuit
Input
= AC Waveform;
PRR
= Variable; Duty Cycle = 50%
FIGURE 2. AC Waveforms
FIGURE 3. Break Before Make Interval Timing


Similar Part No. - NC7SB3257

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257 Datasheet
190Kb / 10P
   2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
   2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
logo
Fairchild Semiconductor
NC7SB3257L6X FAIRCHILD-NC7SB3257L6X Datasheet
190Kb / 10P
   2:1 Multiplexer/Demultiplexer Bus Switch
NC7SB3257P6X FAIRCHILD-NC7SB3257P6X Datasheet
190Kb / 10P
   2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
NC7SB3257P6X ONSEMI-NC7SB3257P6X Datasheet
280Kb / 7P
   2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
More results

Similar Description - NC7SB3257

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
NC7SB3157 FAIRCHILD-NC7SB3157 Datasheet
548Kb / 14P
   TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
   2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
   2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
logo
Fairchild Semiconductor
NC7SZ19 FAIRCHILD-NC7SZ19 Datasheet
224Kb / 7P
   TinyLogic UHS 1-of-2 Decoder/Demultiplexer
NC7SZ19 FAIRCHILD-NC7SZ19_04 Datasheet
274Kb / 7P
   TinyLogic UHS 1-of-2 Decoder/Demultiplexer
logo
ON Semiconductor
NC7SZ19 ONSEMI-NC7SZ19 Datasheet
598Kb / 11P
   TinyLogic UHS 1-of-2 Decoder / Demultiplexer
February 2011 Rev. 1.0.2
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
logo
Fairchild Semiconductor
FST3257 FAIRCHILD-FST3257 Datasheet
96Kb / 5P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com