Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5550979A-T1-A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # NE5550979A-T1-A
Description  Silicon Power LDMOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE5550979A-T1-A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button NE5550979A-T1-A Datasheet HTML 5Page - Renesas Technology Corp NE5550979A-T1-A Datasheet HTML 6Page - Renesas Technology Corp NE5550979A-T1-A Datasheet HTML 7Page - Renesas Technology Corp NE5550979A-T1-A Datasheet HTML 8Page - Renesas Technology Corp NE5550979A-T1-A Datasheet HTML 9Page - Renesas Technology Corp NE5550979A-T1-A Datasheet HTML 10Page - Renesas Technology Corp NE5550979A-T1-A Datasheet HTML 11Page - Renesas Technology Corp NE5550979A-T1-A Datasheet HTML 12Page - Renesas Technology Corp NE5550979A-T1-A Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NE5550979A
R09DS0031EJ0300 Rev.3.00
Page 10 of 11
Mar 12, 2013
PACKAGE DIMENSIONS
79A (UNIT: mm)
0.4±0.15
5.7 MAX.
4.2 MAX.
Source
Gate
Drain
(Bottom View)
3.6±0.2
1.5±0.2
0.8 MAX.
Source
Gate
Drain
79A PACKAGE RECOMMENDED P.C.B. LAYOUT (UNIT: mm)
1.7
4.0
Gate
Source
Drain
0.5
6.1
0.5
Through Hole: 0.2 × 33
φ
Stop up the hole with a rosin or
something to avoid solder flow.


Similar Part No. - NE5550979A-T1-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE5550979A-T1-A CEL-NE5550979A-T1-A Datasheet
1Mb / 12P
   Silicon Power LDMOS FET
More results

Similar Description - NE5550979A-T1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5550779A RENESAS-NE5550779A Datasheet
3Mb / 17P
   Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550279A CEL-NE5550279A Datasheet
772Kb / 8P
   Silicon Power LDMOS FET
NE5550979A CEL-NE5550979A Datasheet
1Mb / 12P
   Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550979A RENESAS-NE5550979A_15 Datasheet
784Kb / 13P
   Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550779A CEL-NE5550779A Datasheet
3Mb / 16P
   Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550279A RENESAS-NE5550279A Datasheet
470Kb / 9P
   Silicon Power LDMOS FET
NE5550979A RENESAS-NE5550979A Datasheet
438Kb / 10P
   Silicon Power LDMOS FET
logo
Motorola, Inc
MRF9745T1 MOTOROLA-MRF9745T1 Datasheet
60Kb / 4P
   HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
MAPLST1617-030CF MA-COM-MAPLST1617-030CF_15 Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com