Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESG3032M14-A Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # NESG3032M14-A
Description  NPN SiGe RF Transistor for Low Noise, High-Gain
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NESG3032M14-A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button NESG3032M14-A Datasheet HTML 7Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 8Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 9Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 10Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 11Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 12Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 13Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 14Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
EVALUATION CIRCUIT (f = 1.575 GHz LNA)
IN
C3
L1
OUT
C2
VCC
L2
C4
C1
R1
10 000 pF
5.6 nH
82 k
Ω
10 000 pF
R3
3.9 nH
R2
62
Ω
8.2
Ω
3 V
10 000 pF
6 pF
Microstrip
W = 0.15 mm
L = 0.5 mm
× 2
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
COMPONENT LIST
Symbol
Parts
Part Number
Maker
Value
C1, C3, C4
Chip Capacitor
GRM155B31H103KA88
Murata
10 000 pF
C2
Chip Capacitor
GRM1552C1H6R0DZ01
Murata
6 pF
L1
Chip Inductor
AML1005H5N6STS
FDK
5.6 nH
L2
Chip Inductor
AML1005H3N9STS
FDK
3.9 nH
R1
Chip Resistor
MCR01MZPJ823
ROHM
82 k
Ω
R2
Chip Resistor
MCR01MZPJ8R2
ROHM
8.2
Ω
R3
Chip Resistor
MCR01MZPJ620
ROHM
62
Ω
<R>
<R>
NESG3032M14
R09DS0048EJ0300 Rev.3.00
Page 11 of 13
Sep 18, 2012


Similar Part No. - NESG3032M14-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NESG3032M14-A CEL-NESG3032M14-A Datasheet
267Kb / 6P
   NPN SILICON GERMANIUM RF TRANSISTOR
More results

Similar Description - NESG3032M14-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG3033M14 RENESAS-NESG3033M14 Datasheet
176Kb / 16P
   NPN SiGe RF Transistor for Low Noise, High-Gain
NESG210719 RENESAS-NESG210719 Datasheet
124Kb / 10P
   NPN SiGe RF Transistor for Low Noise, High-Gain
2SC5761 RENESAS-2SC5761 Datasheet
305Kb / 16P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
May 2003
NESG2031M05 RENESAS-NESG2031M05 Datasheet
158Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
NESG2021M05 RENESAS-NESG2021M05 Datasheet
159Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
logo
California Eastern Labs
NESG2046M33 CEL-NESG2046M33 Datasheet
292Kb / 4P
   NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH -GAIN AMPLIFICATION
NESG204619 CEL-NESG204619 Datasheet
320Kb / 4P
   NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
logo
NEC
NESG2046M33 NEC-NESG2046M33 Datasheet
118Kb / 3P
   NECs NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH -GAIN AMPLIFICATION
NESG210719 NEC-NESG210719 Datasheet
114Kb / 3P
   NECs NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
NESG204619 NEC-NESG204619 Datasheet
116Kb / 3P
   NECs NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com