Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESG3032M14-A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NESG3032M14-A
Description  NPN SiGe RF Transistor for Low Noise, High-Gain
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NESG3032M14-A Datasheet(HTML) 3 Page - Renesas Technology Corp

  NESG3032M14-A Datasheet HTML 1Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 2Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 3Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 4Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 5Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 6Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 7Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 8Page - Renesas Technology Corp NESG3032M14-A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
250
200
150
100
50
0
25
50
75
100
125
150
f = 1 MHz
0.30
0.25
0.20
0.15
0.10
0.05
0
02
4
6
8
10
12
VCE = 1 V
100
10
1
0.01
0.001
0.1
0.0001
0.7
0.5
0.6
0.4
0.8
0.9
1.0
VCE = 3 V
100
10
1
0.01
0.001
0.1
0.0001
0.7
0.5
0.6
0.4
0.8
0.9
1.0
VCE = 2 V
100
10
1
0.01
0.001
0.1
0.0001
0.7
0.5
0.6
0.4
0.8
0.9
1.0
35
IB = 20 A
μ
120 A
μ
200 A
μ
140 A
μ
160 A
μ
80 A
μ
60 A
μ
40 A
μ
100 A
μ
40
20
25
30
15
5
10
01
2
3
4
5
180 A
μ
Mounted on Glass Epoxy PWB
(1.08 cm
2
× 1.0 mm (t) )
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Remark The graphs indicate nominal characteristics.
NESG3032M14
R09DS0048EJ0300 Rev.3.00
Page 3 of 13
Sep 18, 2012


Similar Part No. - NESG3032M14-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NESG3032M14-A CEL-NESG3032M14-A Datasheet
267Kb / 6P
   NPN SILICON GERMANIUM RF TRANSISTOR
More results

Similar Description - NESG3032M14-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG3033M14 RENESAS-NESG3033M14 Datasheet
176Kb / 16P
   NPN SiGe RF Transistor for Low Noise, High-Gain
NESG210719 RENESAS-NESG210719 Datasheet
124Kb / 10P
   NPN SiGe RF Transistor for Low Noise, High-Gain
2SC5761 RENESAS-2SC5761 Datasheet
305Kb / 16P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
May 2003
NESG2031M05 RENESAS-NESG2031M05 Datasheet
158Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
NESG2021M05 RENESAS-NESG2021M05 Datasheet
159Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
logo
California Eastern Labs
NESG2046M33 CEL-NESG2046M33 Datasheet
292Kb / 4P
   NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH -GAIN AMPLIFICATION
NESG204619 CEL-NESG204619 Datasheet
320Kb / 4P
   NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
logo
NEC
NESG2046M33 NEC-NESG2046M33 Datasheet
118Kb / 3P
   NECs NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH -GAIN AMPLIFICATION
NESG210719 NEC-NESG210719 Datasheet
114Kb / 3P
   NECs NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
NESG204619 NEC-NESG204619 Datasheet
116Kb / 3P
   NECs NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com