Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SB3157L6X Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # NC7SB3157L6X
Description  TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SB3157L6X Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button NC7SB3157L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SB3157L6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SB3157L6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SB3157L6X Datasheet HTML 9Page - Fairchild Semiconductor NC7SB3157L6X Datasheet HTML 10Page - Fairchild Semiconductor NC7SB3157L6X Datasheet HTML 11Page - Fairchild Semiconductor NC7SB3157L6X Datasheet HTML 12Page - Fairchild Semiconductor NC7SB3157L6X Datasheet HTML 13Page - Fairchild Semiconductor NC7SB3157L6X Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
www.fairchildsemi.com
NC7SB3157, FSA3157 Rev. 1.0.1
Reel Dimensions inches (millimeters)
Tape Size
ABCDN
W1
W2
W3
8 mm
7.0
(177.8)
0.059
(1.50)
0.512
(13.00)
0.795
(20.20)
2.165
(55.00)
0.331 + 0.059/–0.000
(8.40 + 1.50/–0.00)
0.567
(14.40)
W1 + 0.078/–0.039
(W1 + 2.00/–1.00)


Similar Part No. - NC7SB3157L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SB3157L6X FAIRCHILD-NC7SB3157L6X Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
NC7SB3157L6X FAIRCHILD-NC7SB3157L6X Datasheet
1Mb / 11P
   Low-Voltage SPDT Analog Switch or 2:1Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
NC7SB3157L6X ONSEMI-NC7SB3157L6X Datasheet
1Mb / 11P
   Low-Voltage SPDT Analog Switch or 2:1Multiplexer De-multiplexer Bus Switch
October-2017, Rev. 2
More results

Similar Description - NC7SB3157L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
NC7SB3257 FAIRCHILD-NC7SB3257 Datasheet
138Kb / 7P
   TinyLogic. UHS Single 2-to-1 Multiplexer/Demultiplexer Bus Switch
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com