Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHLP2525CZER2R2M07 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IHLP2525CZER2R2M07
Description  Low Profile, IHLP® Power Inductors - DC Resistance Tolerance 5 %
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP2525CZER2R2M07 Datasheet(HTML) 2 Page - Vishay Siliconix

  IHLP2525CZER2R2M07 Datasheet HTML 1Page - Vishay Siliconix IHLP2525CZER2R2M07 Datasheet HTML 2Page - Vishay Siliconix IHLP2525CZER2R2M07 Datasheet HTML 3Page - Vishay Siliconix IHLP2525CZER2R2M07 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IHLP-2525CZ-07
www.vishay.com
Vishay Dale
Revision: 20-Sep-13
2
Document Number: 34168
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE GRAPHS
40
100
20
60
0.000
80
0
L
10
0
30
40
20
60
50
0.120
0.100
0.080
0.060
0.040
0.020
IHLP-2525CZ-07 0.10 µH
ΔT °C
DC CURRENT (A)
40
100
20
60
0.0
80
0
L
0.16
10
0
30
40
20
50
0.14
0.12
0.10
0.08
0.06
0.04
0.02
IHLP-2525CZ-07 0.15 µH
DC CURRENT (A)
ΔT °C
40
100
20
60
0.00
80
0
5
0
15
20
10
25
L
0.25
0.20
0.15
0.10
0.05
30
35
40
IHLP-2525CZ-07 0.20 µH
DC CURRENT (A)
ΔT °C
40
100
20
60
0.00
80
0
L
5
0
15
20
10
30
25
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
IHLP-2525CZ-07 0.33 µH
DC CURRENT (A)
ΔT °C
0.2
0.3
40
100
20
60
0.0
0.1
80
0
L
0.4
0.5
0.6
5
0
15
20
10
25
IHLP-2525CZ-07 0.47 µH
DC CURRENT (A)
ΔT °C
0.2
0.3
40
100
20
60
0.0
80
0
L
0.4
0.5
0.6
5
0
15
20
10
25
0.1
0.7
0.8
IHLP-2525CZ-07 0.68 µH
DC CURRENT (A)
ΔT °C
0.2
0.3
40
100
20
60
0.0
0.1
80
0
L
0.4
0.5
0.6
10
0
5
20
25
0.7
0.8
0.9
15
IHLP-2525CZ-07 0.82 µH
DC CURRENT (A)
ΔT °C
0.4
0.6
40
100
20
60
0.0
0.2
80
0
L
0.8
1.0
1.2
5
0
15
20
10
IHLP-2525CZ-07 1.00 µH
DC CURRENT (A)
ΔT °C


Similar Part No. - IHLP2525CZER2R2M07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP2525CZER2R2M01 VISHAY-IHLP2525CZER2R2M01 Datasheet
123Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 24-Feb-11
logo
Texas Instruments
IHLP2525CZER2R2M01 TI1-IHLP2525CZER2R2M01 Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
More results

Similar Description - IHLP2525CZER2R2M07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP2525CZER100M07 VISHAY-IHLP2525CZER100M07 Datasheet
678Kb / 4P
   Low Profile, IHLP® Power Inductors - DC Resistance Tolerance 5 %
Revision: 20-Sep-13
IHLP2525CZERR47M07 VISHAY-IHLP2525CZERR47M07 Datasheet
678Kb / 4P
   Low Profile, IHLP® Power Inductors - DC Resistance Tolerance 5 %
Revision: 20-Sep-13
IHLP-2525CZ-07 VISHAY-IHLP-2525CZ-07 Datasheet
149Kb / 4P
   5 % DCR Tolerance, Low Profile, IHLP® Power Inductor
Revision: 07-May-08
IHLM-2525CZ-07 VISHAY-IHLM-2525CZ-07_V01 Datasheet
387Kb / 6P
   Low Profile, Power Inductors - DC Resistance Tolerance 5 % - Special Molding
01-Jan-2022
IHLM-2525CZ-07 VISHAY-IHLM-2525CZ-07_17 Datasheet
127Kb / 4P
   Low Profile, Power Inductors - DC Resistance Tolerance 5 % - Special Molding
Revision: 02-Aug-17
IHLP-2525CZ-06 VISHAY-IHLP-2525CZ-06 Datasheet
149Kb / 4P
   10 % DCR Tolerance, Low Profile, IHLP® Power Inductor
Revision: 07-May-08
IHLM-2525CZ-06 VISHAY-IHLM-2525CZ-06_V01 Datasheet
368Kb / 6P
   Low Profile, Power Inductors - DC Resistance Tolerance 10 % - Special Molding
01-Jan-2022
IHLM-2525CZ-06 VISHAY-IHLM-2525CZ-06_17 Datasheet
126Kb / 4P
   Low Profile, Power Inductors - DC Resistance Tolerance 10 % - Special Molding
Revision: 01-Aug-17
IHLP-2525CZ-07 VISHAY-IHLP-2525CZ-07_17 Datasheet
150Kb / 4P
   IHLP® Commercial Inductors, High Saturation Series, 5 % DCR Tolerance
Revision: 14-Jul-17
IHLP-5050CE-07 VISHAY-IHLP-5050CE-07_17 Datasheet
140Kb / 4P
   IHLP® Commercial Inductors, High Saturation Series, 5 % DCR Tolerance
Revision: 14-Jul-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com