Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP00L6X Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NC7SP00L6X
Description  TinyLogic ULP 2-Input NAND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP00L6X Datasheet(HTML) 7 Page - Fairchild Semiconductor

  NC7SP00L6X Datasheet HTML 1Page - Fairchild Semiconductor NC7SP00L6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SP00L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SP00L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SP00L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SP00L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SP00L6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SP00L6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SP00L6X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Tape and Reel Specification (Continued)
TAPE FORMAT for MicroPak
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
L6X
Leader (Start End)
125 (typ)
Empty
Sealed
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - NC7SP00L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP00L6X FAIRCHILD-NC7SP00L6X Datasheet
296Kb / 9P
   TinyLogic ULP 2-Input NAND Gate
logo
ON Semiconductor
NC7SP00L6X ONSEMI-NC7SP00L6X Datasheet
391Kb / 11P
   TinyLogic ULP 2-Input NAND Gate
Revised March 2004
NC7SP00L6X ONSEMI-NC7SP00L6X Datasheet
170Kb / 8P
   TinyLogic ULP-A NAND Gate
October, 2021 ??Rev. 1
More results

Similar Description - NC7SP00L6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SP38 ONSEMI-NC7SP38 Datasheet
299Kb / 13P
   TinyLogic ULP 2-Input NAND Gate
Sep 2008 Rev. 1.0.0
NC7SP00 ONSEMI-NC7SP00 Datasheet
391Kb / 11P
   TinyLogic ULP 2-Input NAND Gate
Revised March 2004
logo
Fairchild Semiconductor
NC7SP00 FAIRCHILD-NC7SP00_04 Datasheet
296Kb / 9P
   TinyLogic ULP 2-Input NAND Gate
logo
ON Semiconductor
NC7SV00 ONSEMI-NC7SV00 Datasheet
387Kb / 10P
   TinyLogic ULP-A 2-Input NAND Gate
February, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV00 FAIRCHILD-NC7SV00 Datasheet
293Kb / 9P
   TinyLogic ULP-A 2-Input NAND Gate
NC7SV38 FAIRCHILD-NC7SV38_04 Datasheet
294Kb / 8P
   TinyLogic ULP-A 2-Input NAND Gate
NC7WP00 FAIRCHILD-NC7WP00 Datasheet
192Kb / 9P
   TinyLogic ULP Dual 2-Input NAND Gate
NC7SV00 FAIRCHILD-NC7SV00_04 Datasheet
295Kb / 9P
   TinyLogic ULP-A 2-Input NAND Gate
logo
ON Semiconductor
NC7WP00 ONSEMI-NC7WP00_V01 Datasheet
533Kb / 9P
   TinyLogic ULP-A Dual 2-Input NAND Gate
February, 2021 - Rev. 1
logo
Fairchild Semiconductor
NC7SP38 FAIRCHILD-NC7SP38_04 Datasheet
294Kb / 8P
   TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com