Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3245TB-E3 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC3245TB-E3
Description  SiGe BiCMOS Integrated Circuit Wideband Amplifier IC with 3-Step Gain Selection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3245TB-E3 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC3245TB-E3 Datasheet HTML 1Page - Renesas Technology Corp UPC3245TB-E3 Datasheet HTML 2Page - Renesas Technology Corp UPC3245TB-E3 Datasheet HTML 3Page - Renesas Technology Corp UPC3245TB-E3 Datasheet HTML 4Page - Renesas Technology Corp UPC3245TB-E3 Datasheet HTML 5Page - Renesas Technology Corp UPC3245TB-E3 Datasheet HTML 6Page - Renesas Technology Corp UPC3245TB-E3 Datasheet HTML 7Page - Renesas Technology Corp UPC3245TB-E3 Datasheet HTML 8Page - Renesas Technology Corp UPC3245TB-E3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
μPC3245TB
R09DS0027EJ0100 Rev.1.00
Page 4 of 22
Sep 26, 2011
STANDARD CHARACTERISTICS FOR REFERENCE 2 (MIDDLE-GAIN MODE)
(TA = +25
°C, VCC = 3.3 V, Gselect = Open, ZS = ZL = 50 Ω, unless otherwise specified)
Parameter
Symbol
Test Conditions
Reference Value
Unit
Power Gain 3
GP3
f = 0.25 GHz, Pin =
−30 dBm
14.5
dB
Power Gain 4
GP4
f = 2.6 GHz, Pin =
−30 dBm
15.5
dB
Power Gain 5
GP5
f = 3.0 GHz, Pin =
−30 dBm
14.5
dB
Gain Flatness
ΔGP
f = 1.0 GHz to 2.2 GHz,
Pin =
−30 dBm
1.0
dB
Isolation 1
ISL1
f = 1.0 GHz, Pin =
−30 dBm
24.5
dB
Isolation 2
ISL2
f = 2.2 GHz, Pin =
−30 dBm
24.5
dB
Noise Figure 1
NF1
f = 1.0 GHz
6.0
dB
Noise Figure 2
NF2
f = 2.2 GHz
6.5
dB
Output 3rd Order
Intercept Point 1
OIP3 1
f1 = 1 000 MHz,
f2 = 1 001 MHz
+24
dBm
Output 3rd Order
Intercept Point 2
OIP3 2
f1 = 2 200 MHz,
f2 = 2 201 MHz
+21
dBm
2nd Order Intermodulation
Distortion
IM2
f1 = 1 000 MHz, f2 = 1 001 MHz,
Pout =
−5 dBm/tone
49
dBc
2nd Harmonic
2f0
f0 = 1.0 GHz, Pout =
−15 dBm
62
dBc
STANDARD CHARACTERISTICS FOR REFERENCE 3 (LOW-GAIN MODE)
(TA = +25
°C, VCC = 3.3 V, Gselect = VCC, ZS = ZL = 50 Ω, unless otherwise specified)
Parameter
Symbol
Test Conditions
Reference Value
Unit
Power Gain 3
GP3
f = 0.25 GHz, Pin =
−30 dBm
8
dB
Power Gain 4
GP4
f = 2.6 GHz, Pin =
−30 dBm
10
dB
Power Gain 5
GP5
f = 3.0 GHz, Pin =
−30 dBm
10
dB
Gain Flatness
ΔGP
f = 1.0 GHz to 2.2 GHz,
Pin =
−30 dBm
1.0
dB
Isolation 1
ISL1
f = 1.0 GHz, Pin =
−30 dBm
21
dB
Isolation 2
ISL2
f = 2.2 GHz, Pin =
−30 dBm
24
dB
Noise Figure 1
NF1
f = 1.0 GHz
9.0
dB
Noise Figure 2
NF2
f = 2.2 GHz
9.0
dB
Output 3rd Order
Intercept Point 1
OIP3 1
f1 = 1 000 MHz,
f2 = 1 001 MHz
+23
dBm
Output 3rd Order
Intercept Point 2
OIP3 2
f1 = 2 200 MHz,
f2 = 2 201 MHz
+21
dBm
2nd Order Intermodulation
Distortion
IM2
f1 = 1 000 MHz, f2 = 1 001 MHz,
Pout =
−5 dBm/tone
50
dBc
2nd Harmonic
2f0
f0 = 1.0 GHz, Pout =
−15 dBm
64
dBc


Similar Part No. - UPC3245TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC324 RENESAS-UPC324 Datasheet
239Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
UPC324 RENESAS-UPC324 Datasheet
632Kb / 11P
   Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC3240TB RENESAS-UPC3240TB Datasheet
334Kb / 21P
   3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
UPC3241TB RENESAS-UPC3241TB Datasheet
420Kb / 21P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2009
More results

Similar Description - UPC3245TB-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD5740T6N RENESAS-UPD5740T6N Datasheet
403Kb / 22P
   SiGe BiCMOS INTEGRATED CIRCUIT
2009
UPC3250T7L RENESAS-UPC3250T7L Datasheet
303Kb / 18P
   SiGe CMOS/BiCMOS Integrated Circuit
UPD5756T6N RENESAS-UPD5756T6N Datasheet
294Kb / 17P
   SiGe BiCMOS Integrated Circuit Wide Band LNA IC with Through Function
UPD5750T7D RENESAS-UPD5750T7D Datasheet
300Kb / 16P
   SiGe BiCMOS Integrated Circuit Wide Band LNA IC with Through Function
PC2807 RENESAS-PC2807_15 Datasheet
183Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
UPC1934 RENESAS-UPC1934 Datasheet
360Kb / 22P
   BiCMOS INTEGRATED CIRCUIT
1998
UPD3140GS RENESAS-UPD3140GS Datasheet
507Kb / 20P
   BiCMOS INTEGRATED CIRCUIT
1996
UPC2807 RENESAS-UPC2807 Datasheet
183Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2000
UPC2918 RENESAS-UPC2918 Datasheet
403Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2002
UPC2807H RENESAS-UPC2807H Datasheet
210Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com